Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ32GA Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC24FJ32GA
Description  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ32GA Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC24FJ32GA Datasheet HTML 21Page - Microchip Technology PIC24FJ32GA Datasheet HTML 22Page - Microchip Technology PIC24FJ32GA Datasheet HTML 23Page - Microchip Technology PIC24FJ32GA Datasheet HTML 24Page - Microchip Technology PIC24FJ32GA Datasheet HTML 25Page - Microchip Technology PIC24FJ32GA Datasheet HTML 26Page - Microchip Technology PIC24FJ32GA Datasheet HTML 27Page - Microchip Technology PIC24FJ32GA Datasheet HTML 28Page - Microchip Technology PIC24FJ32GA Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
© 2008 Microchip Technology Inc.
DS39768D-page 25
PIC24FJXXXGA0XX
3.10
Verify Code Memory and
Configuration Word
The verify step involves reading back the code memory
space and comparing it against the copy held in the
programmer’s buffer. The Configuration registers are
verified with the rest of the code.
The verify process is shown in the flowchart in
Figure 3-8. Memory reads occur a single byte at a time,
so two bytes must be read to compare against the word
in the programmer’s buffer. Refer to Section 3.8
“Reading Code Memory” for implementation details
of reading code memory.
FIGURE 3-8:
VERIFY CODE
MEMORY FLOW
3.11
Reading the Application ID Word
The Application ID Word is stored at address 8005BEh
in executive code memory. To read this memory
location, you must use the SIX control code to move
this program memory location to the VISI register.
Then, the REGOUT control code must be used to clock
the contents of the VISI register out of the device. The
corresponding control and instruction codes that must
be serially transmitted to the device to perform this
operation are shown in Table 3-10.
After the programmer has clocked out the Application
ID Word, it must be inspected. If the Application ID has
the value, BBh, the programming executive is resident
in memory and the device can be programmed using
the mechanism described in Section 4.0 “Device
Programming – Enhanced ICSP”. However, if the
Application ID has any other value, the programming
executive is not resident in memory; it must be loaded
to memory before the device can be programmed. The
procedure for loading the programming executive to
memory is described in Section 5.4 “Programming
the Programming Executive to Memory”.
3.12
Exiting ICSP Mode
Exiting Program/Verify mode is done by removing VIH
from MCLR, as shown in Figure 3-9. The only require-
ment for exit is that an interval, P16, should elapse
between the last clock and program signals on PGCx
and PGDx before removing VIH.
FIGURE 3-9:
EXITING ICSP™ MODE
Note:
Because
the
Configuration
registers
include the device code protection bit,
code memory should be verified immedi-
ately after writing if code protection is
enabled. This is because the device will
not be readable or verifiable if a device
Reset occurs after the code-protect bit in
CW1 has been cleared.
Read Low Byte
Read High Byte
Does
Word = Expect
Data?
Failure,
Report
Error
All
code memory
verified?
No
Yes
No
Set TBLPTR = 0
Start
Yes
Done
with Post-Increment
with Post-Increment
MCLR
P16
PGDx
PGD = Input
PGCx
VDD
VIH
VIH
P17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com