Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ32GA Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC24FJ32GA
Description  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ32GA Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC24FJ32GA Datasheet HTML 32Page - Microchip Technology PIC24FJ32GA Datasheet HTML 33Page - Microchip Technology PIC24FJ32GA Datasheet HTML 34Page - Microchip Technology PIC24FJ32GA Datasheet HTML 35Page - Microchip Technology PIC24FJ32GA Datasheet HTML 36Page - Microchip Technology PIC24FJ32GA Datasheet HTML 37Page - Microchip Technology PIC24FJ32GA Datasheet HTML 38Page - Microchip Technology PIC24FJ32GA Datasheet HTML 39Page - Microchip Technology PIC24FJ32GA Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
PIC24FJXXXGA0XX
DS39768D-page 36
© 2008 Microchip Technology Inc.
TABLE 5-1:
PROGRAMMING EXECUTIVE COMMAND SET
5.2.4
COMMAND DESCRIPTIONS
All commands supported by the programming executive
are described in Section 5.2.5 “SCHECK Command”
through Section 5.2.12 “QVER Command”.
5.2.5
SCHECK COMMAND
The SCHECK command instructs the programming
executive to do nothing but generate a response. This
command is used as a “Sanity Check” to verify that the
programming executive is operational.
Expected Response (2 words):
1000h
0002h
Opcode
Mnemonic
Length
(16-bit words)
Time-out
Description
0h
SCHECK
1
1 ms
Sanity check.
1h
READC
3
1 ms
Read an 8-bit word from the specified Device ID register.
2h
READP
4
1 ms/row
Read N 24-bit instruction words of code memory starting from
the specified address.
3h
RESERVED
N/A
N/A
This command is reserved. It will return a NACK.
4h
PROGC
4
5 ms
Write an 8-bit word to the specified Device ID registers.
5h
PROGP
99
5 ms
Program one row of code memory at the specified address,
then verify.(1)
7h
RESERVED
N/A
N/A
This command is reserved. It will return a NACK.
8h
RESERVED
N/A
N/A
This command is reserved. It will return a NACK.
9h
RESERVED
N/A
N/A
This command is reserved. It will return a NACK.
Ah
QBLANK
3
TBD
Query if the code memory is blank.
Bh
QVER
1
1 ms
Query the programming executive software version.
Dh
PROGW
4
5 ms
Program one instruction word of code memory at the specified
address, then verify.
Legend: TBD = To Be Determined
Note 1:
One row of code memory consists of (64) 24-bit words. Refer to Table 2-3 for device-specific information.
15
12 11
0
Opcode
Length
Field
Description
Opcode
0h
Length
1h
Note:
This
instruction
is
not
required
for
programming
but
is
provided
for
development purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com