Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ32GA Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC24FJ32GA
Description  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ32GA Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC24FJ32GA Datasheet HTML 44Page - Microchip Technology PIC24FJ32GA Datasheet HTML 45Page - Microchip Technology PIC24FJ32GA Datasheet HTML 46Page - Microchip Technology PIC24FJ32GA Datasheet HTML 47Page - Microchip Technology PIC24FJ32GA Datasheet HTML 48Page - Microchip Technology PIC24FJ32GA Datasheet HTML 49Page - Microchip Technology PIC24FJ32GA Datasheet HTML 50Page - Microchip Technology PIC24FJ32GA Datasheet HTML 51Page - Microchip Technology PIC24FJ32GA Datasheet HTML 52Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
© 2008 Microchip Technology Inc.
DS39768D-page 49
PIC24FJXXXGA0XX
7.0
AC/DC CHARACTERISTICS AND TIMING REQUIREMENTS
Standard Operating Conditions
Operating Temperature: 0
°C to +70°C. Programming at +25°C is recommended.
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
D111
VDD
Supply Voltage During Programming
VDDCORE + 0.1
3.60
V
Normal programming(1,2)
D112
IPP
Programming Current on MCLR
—5
μA
D113
IDDP
Supply Current During Programming
—
2
mA
D031
VIL
Input Low Voltage
VSS
0.2 VDD
V
D041
VIH
Input High Voltage
0.8 VDD
VDD
V
D080
VOL
Output Low Voltage
—
0.4
V
IOL = 8.5 mA @ 3.6V
D090
VOH
Output High Voltage
3.0
—
V
IOH = -3.0 mA @ 3.6V
D012
CIO
Capacitive Loading on I/O pin (PGDx)
—
50
pF
To meet AC specifications
D013
CF
Filter Capacitor Value on VCAP
4.7
10
μF
Required for controller core
P1
TPGC
Serial Clock (PGCx) Period
100
—
ns
P1A
TPGCL
Serial Clock (PGCx) Low Time
40
—
ns
P1B
TPGCH
Serial Clock (PGCx) High Time
40
—
ns
P2
TSET1
Input Data Setup Time to Serial Clock
↑
15
—
ns
P3
THLD1
Input Data Hold Time from PGCx
↑
15
—
ns
P4
TDLY1
Delay Between 4-Bit Command and
Command Operand
40
—
ns
P4A
TDLY1A
Delay Between 4-Bit Command Operand
and Next 4-Bit Command
40
—
ns
P5
TDLY2
Delay Between Last PGCx
↓ of Command
Byte to First PGCx
↑ of Read of Data Word
20
—
ns
P6
TSET2VDD
↑ Setup Time to MCLR ↑
100
—
ns
P7
THLD2
Input Data Hold Time from MCLR
↑
25
—
ms
P8
TDLY3
Delay Between Last PGCx
↓ of Command
Byte to PGDx
↑ by Programming Executive
12
—
μs
P9
TDLY4
Programming Executive Command
Processing Time
40
—
μs
P10
TDLY6
PGCx Low Time After Programming
400
—
ns
P11
TDLY7
Chip Erase Time
400
—
ms
P12
TDLY8
Page Erase Time
40
—
ms
P13
TDLY9
Row Programming Time
2
—
ms
P14
TR
MCLR Rise Time to Enter ICSP™ mode
—
1.0
μs
P15
TVALID
Data Out Valid from PGCx
↑
10
—
ns
P16
TDLY10
Delay Between Last PGCx
↓ and MCLR ↓
0—
s
P17
THLD3MCLR
↓ to VDD ↓
100
—
ns
P18
TKEY1
Delay from First MCLR
↓ to First PGCx ↑
for Key Sequence on PGDx
40
—
ns
P19
TKEY2
Delay from Last PGCx
↓ for Key
Sequence on PGDx to Second MCLR
↑
1—
ms
P20
TDLY11
Delay Between PGDx
↓ by Programming
Executive to PGDx Driven by Host
23
—
µs
P21
TDLY12
Delay Between Programming Executive
Command Response Words
8—
ns
Note 1:
VDDCORE must be supplied to the VDDCORE/VCAP pin if the on-chip voltage regulator is disabled. See Section 2.1
“Power Requirements” for more information. (Minimum VDDCORE allowing Flash programming is 2.25V.)
2:
VDD must also be supplied to the AVDD pins during programming. AVDD and AVSS should always be within ±0.3V
of VDD and VSS, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com