Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5381BSTZ-5 Datasheet(PDF) 35 Page - Analog Devices

Part # AD5381BSTZ-5
Description  40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5381BSTZ-5 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD5381BSTZ-5 Datasheet HTML 31Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 32Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 33Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 34Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 35Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 36Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 37Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 38Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Data Sheet
AD5381
Rev. D | Page 35 of 40
12-BIT DAC
DAC
REGISTER
INPUT
DATA
INPUT
REGISTER
DATA
REGISTER
B
DATA
REGISTER
A
A/B
VOUT
LDAC
CONTROL INPUT
Figure 42. Toggle Mode Function
OPTICAL ATTENUATORS
Based on its high channel count, high resolution, monotonic
behavior, and high level of integration,the AD5381 is ideally
targeted at optical attenuation applications used in dynamic
gain equalizers, variable optical attenuators (VOAs), and optical
add-drop multiplexers(OADMs). In these applications, each
wavelength is individually extracted using an arrayed wave
guide; its power is monitoredusing a photodiode, transimped-
ance amplifier and ADC in a closed-loop control system. The
AD5381 controls the optical attenuator for each wavelength,
ensuring that the power is equalized in all wavelengthsbefore
being multiplexed ontothe fiber. This preventsinformation loss
and saturation fromoccurring at amplification stages further
along the fiber.
UTILIZING FIFO
The AD5381 FIFO mode optimizes total systemupdate rates
in applications where a largenumber of channels needto be
updated. FIFO modeis only available when parallel interface
mode is selected. The FIFO EN pin is used to enable the FIFO.
The status of FIFO EN is sampled during the initialization
sequence. Therefore,the FIFO statuscan only be changed by
resetting the device.
In a telescope that provides for the cancel-lation of atmospheric
distortion, for example, a large numberof channels need to be
updated in a short period of time. In such systems, as manyas
400 channels need to be updated within 40 µs. Four-hundred
channels require the useof 10 AD5381s. With FIFO mode
enabled, the data writecycle time is 40 ns; therefore, each group
consisting of 40 channels can be fully loaded in 1.6 µs. In FIFO
mode, a completegroupof 40 chan-nels will update in 14.4 µs.
The time taken to update all 400 channels is
14.4 µs + 9 × 1.6 µs = 28.8 µs.
Figure 44 shows the FIFO operation scheme.
ATTENUATOR
ATTENUATOR
ATTENUATOR
ATTENUATOR
AWG
AWG
FIBRE
FIBRE
DWDM
OUT
OPTICAL
SWITCH
11
12
1n–1
1n
DWDM
IN
AD5381,
40-CHANNEL,
12-BIT DAC
N:1 MULTIPLEXER
16-BIT ADC
CONTROLLER
TIA/LOG AMP
(AD8304/AD8305)
ADG731
(40:1 MUX)
AD7671
(0V TO 5V, 1MSPS)
PHOTODIODES
ADD
PORTS
DROP
PORTS
Figure 43. OADM Using the AD5381 as Part of an Optical Attenuator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com