Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5520IPAPRG4 Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS5520IPAPRG4
Description  12-Bit, 125 MSPS Analog-To-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5520IPAPRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5520IPAPRG4 Datasheet HTML 13Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 14Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 15Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 16Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 17Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 18Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 19Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 20Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Code
0.05
0
−0.05
−0.10
−0.15
−0.20
−0.25
0
512
1024
1536
2048
0.10
0.15
0.20
0.25
2560
3072
3584
4096
fIN =10.1MHz, AIN = −0.5dBFS
Code
0.25
0
−0.25
−0.50
0
512
1024
1536
2048
0.50
0.75
2560
3072
3584
4096
fIN =10.1MHz
AIN = −0.5dBFS
InputFrequency − MHz
72
71
70
69
68
67
66
0
50
150
250
200
100
300
InputFrequency − MHz
90
75
70
65
60
55
50
0
50
150
250
200
100
85
80
300
AVDD − AnalogSupplyVoltage − V
86
78
76
74
72
70
68
3.00
3.15
3.30
3.60
3.45
82
80
84
SFDR
SNR
fIN =70MHz
AVDD − AnalogSupplyVoltage − V
78
74
73
72
71
70
69
3.00
3.15
3.30
3.60
3.45
76
75
77
SFDR
SNR
fIN =150MHz
ADS5520
www.ti.com....................................................................................................................................................... SBAS310F – MAY 2004 – REVISED OCTOBER 2008
TYPICAL CHARACTERISTICS (continued)
Typical values given at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = -1dBFS, sampling rate = 125 MSPS,
DLL On, and 3-V differential clock, unless otherwise noted
DIFFERENTIAL
INTEGRAL
NONLINEARITY
NONLINEARITY
Figure 17.
Figure 18.
SPURIOUS-FREE DYNAMIC RANGE
SIGNAL-TO-NOISE RATIO
vs INPUT FREQUENCY
vs INPUT FREQUENCY
Figure 19.
Figure 20.
AC PERFORMANCE
AC PERFORMANCE
vs ANALOG SUPPLY VOLTAGE
vs ANALOG SUPPLY VOLTAGE
Figure 21.
Figure 22.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS5520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com