Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5520IPAPRG4 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS5520IPAPRG4
Description  12-Bit, 125 MSPS Analog-To-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5520IPAPRG4 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5520IPAPRG4 Datasheet HTML 24Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 25Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 26Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 27Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 28Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 29Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 30Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 31Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
95
90
85
80
75
70
65
60
Differential Clock Amplitude
− V
0
0.5
1.0
1.5
2.0
2.5
3.0
f
IN = 70MHz
SFDR
SNR
INTERNAL DLL
OUTPUT INFORMATION
ADS5520
SBAS310F – MAY 2004 – REVISED OCTOBER 2008....................................................................................................................................................... www.ti.com
Figure 49. AC Performance vs Clock Amplitude
In order to obtain the fastest sampling rates achievable with the ADS5520, the device uses an internal digital
delay lock loop (DLL). Nevertheless, the limited frequency range of operation of DLL degrades the performance
at clock frequencies below 60 MSPS. In order to operate the device below 60 MSPS, the internal DLL must be
shut off using the DLL OFF mode described in the Serial Interface Programming section. The Typical
Performance Curves show the performance obtained in both modes of operation: DLL ON (default) and DLL
OFF. In either of the two modes, the device enters power-down mode if no clock or slow clock is provided. The
limit of the clock frequency where the device functions properly with default settings is ensured to be over 2 MHz.
The ADC provides 12 data outputs (D11 to D0, with D11 being the MSB and D0 the LSB), a data-ready signal
(CLKOUT, pin 43), and an out-of-range indicator (OVR, pin 64) that equals 1 when the output reaches the
full-scale limits.
Two different output formats (straight offset binary or 2's complement) and two different output clock polarities
(latching output data on rising or falling edge of the output clock) can be selected by setting DFS (pin 40) to one
of four different voltages. Table 4 details the four modes. In addition, output enable control (OE, pin 41, active
high) is provided to put the outputs into a high-impedance state.
In the event of an input voltage overdrive, the digital outputs go to the appropriate full-scale level. For a positive
overdrive, the output code is 0xFFF in straight offset binary output format and 0x7FF in 2's complement output
format. For a negative input overdrive, the output code is 0x000 in straight offset binary output format and 0x800
in 2's complement output format. These outputs to an overdrive signal are ensured through design and
characterization.
The output circuitry of the ADS5520, by design, minimizes the noise produced by the data switching transients,
and, in particular, its coupling to the ADC analog circuitry. Output D4 (pin 51) senses the load capacitance and
adjusts the drive capability of all the output pins of the ADC to maintain the same output slew rate described in
the timing diagram of Figure 1. Care should be taken to ensure that all output lines (including CLKOUT) have
nearly the same load as D4 (pin 51). This circuit also reduces the sensitivity of the output timing versus supply
voltage or temperature. Placing external resistors in series with the outputs is not recommended.
The timing characteristics of the digital outputs change for sampling rates below the 125 MSPS maximum
sampling frequency. Table 6 and Table 7 show the setup, hold, input clock to output data delays, and rise and
fall times for different sampling frequencies with the DLL on and off, respectively.
Table 8 and Table 9 show the rise and fall times at additional sampling frequencies with DLL on and off,
respectively.
28
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com