Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5520IPAPRG4 Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS5520IPAPRG4
Description  12-Bit, 125 MSPS Analog-To-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5520IPAPRG4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5520IPAPRG4 Datasheet HTML 16Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 17Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 18Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 19Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 20Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 21Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 22Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 23Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
TYPICAL CHARACTERISTICS
Input Frequency − MHz
20
40
60
80
100
120
140
160
180
200
220
60
65
70
75
80
85
90
95
100
105
110
115
120
125
66
66
66
67
67
67
68
69
69
70
70
70
70
69
68
66
67
68
69
70
Input Frequency − MHz
20
40
60
80
100
120
140
160
180
200
220
60
65
70
75
80
85
90
95
100
105
110
115
120
125
65
66
66
66
67
67
67
67
67
68
68
68
68
68
69
69
69
69
70
70
70
65
66
67
69
64
64
68
70
ADS5520
SBAS310F – MAY 2004 – REVISED OCTOBER 2008....................................................................................................................................................... www.ti.com
Typical values given at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = -1dBFS, and 3-V differential clock,
unless otherwise noted
SIGNAL-TO-NOISE RATIO (SNR)
(DLL On)
Figure 35.
SIGNAL-TO-NOISE RATIO (SNR)
(DLL Off)
Figure 36.
20
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com