Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FS256S Datasheet(PDF) 29 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 29 Page - SPANSION

Back Button S25FS256S Datasheet HTML 25Page - SPANSION S25FS256S Datasheet HTML 26Page - SPANSION S25FS256S Datasheet HTML 27Page - SPANSION S25FS256S Datasheet HTML 28Page - SPANSION S25FS256S Datasheet HTML 29Page - SPANSION S25FS256S Datasheet HTML 30Page - SPANSION S25FS256S Datasheet HTML 31Page - SPANSION S25FS256S Datasheet HTML 32Page - SPANSION S25FS256S Datasheet HTML 33Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
29
Da ta
Shee t
(Prelim i nar y )
4.3.3
Power-On (Cold) Reset
When the core voltage supply remains at or below the VDD (Low) voltage for ≥ tPD time, then rises to ≥ VDD
(Minimum) the device will begin its Power-On Reset (POR) process. POR continues until the end of tPU. During
tPU the device does not react to external input signals nor drive any outputs. Following the end of tPU the
device transitions to the Interface Standby state and can accept commands. For additional information on
POR see Power-On (Cold) Reset on page 38
4.3.4
Hardware (Warm) Reset
A configuration option is provided to allow IO3 to be used as a hardware reset input when the device is not in
Quad Mode or when it is in Quad Mode and CS# is high. When IO3 / RESET# is driven low for tRP time the
device starts the hardware reset process. The process continues for tRPH time. Following the end of both tRPH
and the reset hold time following the rise of RESET# (tRH) the device transitions to the Interface Standby state
and can accept commands. For additional information on hardware reset see Reset on page 38
4.3.5
Interface Standby
When CS# is high the SPI interface is in standby state. Inputs other than RESET# are ignored. The interface
waits for the beginning of a new command. The next interface state is Instruction Cycle when CS# goes low
to begin a new command.
While in interface standby state the memory device draws standby current (ISB) if no embedded algorithm is
in progress. If an embedded algorithm is in progress, the related current is drawn until the end of the
algorithm when the entire device returns to standby current draw.
4.3.6
Instruction Cycle (Legacy SPI Mode)
When the host drives the MSB of an instruction and CS# goes low, on the next rising edge of SCK the device
captures the MSB of the instruction that begins the new command. On each following rising edge of SCK the
device captures the next lower significance bit of the 8-bit instruction. The host keeps CS# low, and drives the
Write Protect (WP#) and IO3/RESET signals as needed for the instruction. However, WP# is only relevant
during instruction cycles of a WRR or WRAR command and is otherwise ignored. IO3/RESET# is driven high
when the device is not in Quad Mode (CR1V[1]=0) or QPI Mode (CR2V[6]=0) and hardware reset is not
required.
Each instruction selects the address space that is operated on and the transfer format used during the
remainder of the command. The transfer format may be Single, Dual I/O, Quad I/O, or DDR Quad I/O. The
expected next interface state depends on the instruction received.
Some commands are stand alone, needing no address or data transfer to or from the memory. The host
returns CS# high after the rising edge of SCK for the eighth bit of the instruction in such commands. The next
interface state in this case is Interface Standby.
4.3.7
Instruction Cycle (QPI Mode)
In QPI Mode, when CR2V[6]=1, instructions are transferred 4 bits per cycle. In this mode, instruction cycles
are the same as a Quad Input Cycle. See Quad Input Cycle - Host to Memory Transfer on page 30.
4.3.8
Single Input Cycle - Host to Memory Transfer
Several commands transfer information after the instruction on the single Serial Input (SI) signal from host to
the memory device. The host keeps RESET# high, CS# low, and drives SI as needed for the command. The
memory does not drive the Serial Output (SO) signal.
The expected next interface state depends on the instruction. Some instructions continue sending address or
data to the memory using additional Single Input Cycles. Others may transition to Single Latency, or directly
to Single, Dual, or Quad Output Cycle states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com