Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FS256S Datasheet(PDF) 84 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 84 Page - SPANSION

Back Button S25FS256S Datasheet HTML 80Page - SPANSION S25FS256S Datasheet HTML 81Page - SPANSION S25FS256S Datasheet HTML 82Page - SPANSION S25FS256S Datasheet HTML 83Page - SPANSION S25FS256S Datasheet HTML 84Page - SPANSION S25FS256S Datasheet HTML 85Page - SPANSION S25FS256S Datasheet HTML 86Page - SPANSION S25FS256S Datasheet HTML 87Page - SPANSION S25FS256S Datasheet HTML 88Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 154 page
background image
84
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
 The exact password must be entered in order for the unlocking function to occur. If the password unlock
command provided password does not match the hidden internal password, the unlock operation fails in
the same manner as a programming operation on a protected sector. The P_ERR bit is set to 1, the WIP bit
remains set, and the PPB Lock bit remains cleared to 0.
 The Password Unlock command cannot be accepted any faster than once every 100 µs ± 20 µs. This
makes it take an unreasonably long time (58 million years) for a hacker to run through all the 64-bit
combinations in an attempt to correctly match a password. The Read Status Register 1 command may be
used to read the WIP bit to determine when the device has completed the password unlock command or is
ready to accept a new password command. When a valid password is provided the password unlock
command does not insert the 100 µs delay before returning the WIP bit to 0.
 If the password is lost after selecting the Password mode, there is no way to set the PPB Lock bit.
9.5
Recommended Protection Process
During system manufacture, the flash device configuration should be defined by:
1. Programming the OTP configuration bits in CR1NV[5, 3:2], CR2NV, CR3NV, and CR4NV as
desired.
2. Program the Secure Silicon Region (OTP area) as desired.
3. Program the PPB bits as desired via the PPBP command.
4. Program the Non-Volatile Data Learning Pattern (NVDLR) if it will be used in DDR read
commands.
5. Program the Password register (PASS) if password protection will be used.
6. Program the ASP Register as desired, including the selection of the persistent or password ASP
protection mode in ASPR[2:1]. It is very important to explicitly select a protection mode so that later
accidental or malicious programming of the ASP register and OTP configuration is prevented. This
is to ensure that only the intended OTP protection and configuration features are enabled.
During system power-up and boot code execution:
1. Trusted boot code can determine whether there is any need to program additional SSR (OTP area)
information. If no SSR changes are needed the FREEZE bit (CR1V[0]) can be set to 1 to protect
the SSR from changes during the remainder of normal system operation while power remains on.
2. If the Persistent Protection mode is in use, trusted boot code can determine whether there is any
need to modify the persistent (PPB) sector protection via the PPBP or PPBE commands. If no PPB
changes are needed the PPBLOCK bit can be cleared to 0 via the PPBL to protect the PPB bits
from changes during the remainder of normal system operation while power remains on.
3. The Dynamic (DYB) Sector Protection bits can be written as desired via the DYBAR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com