Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS402 Datasheet(PDF) 23 Page - Microchip Technology

Part # DSPIC33FJ16GS402
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS402 Datasheet(HTML) 23 Page - Microchip Technology

Back Button DSPIC33FJ16GS402 Datasheet HTML 19Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 20Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 21Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 22Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 23Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 24Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 25Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 26Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 21
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
2.5
ICSP Pins
The PGECx and PGEDx pins are used for In-Circuit
Serial Programming™ (ICSP™) and debugging
purposes. It is recommended to keep the trace length
between the ICSP connector and the ICSP pins on the
device as short as possible. If the ICSP connector is
expected to experience an ESD event, a series resistor
is recommended, with the value in the range of a few
tens of Ohms, not to exceed 100 Ohms.
Pull-up resistors, series diodes, and capacitors on the
PGECx and PGEDx pins are not recommended as they
will
interfere
with
the
programmer/debugger
communications to the device. If such discrete
components are an application requirement, they
should be removed from the circuit during program-
ming and debugging. Alternatively, refer to the AC/DC
characteristics and timing requirements information in
the respective device Flash programming specification
for information on capacitive loading limits and pin input
voltage high (VIH) and input low (VIL) requirements.
Ensure that the “Communication Channel Select”
(i.e., PGECx/PGEDx pins) programmed into the device
matches the physical connections for the ICSP to
MPLAB® ICD 2, MPLAB® ICD 3, or MPLAB® REAL
ICE™.
For more information on ICD 2, ICD 3, and REAL ICE
connection requirements, refer to the following
documents that are available on the Microchip website.
•“
MPLAB® ICD 2 In-Circuit Debugger User's
Guide” DS51331
•“Using MPLAB® ICD 2” (poster) DS51265
•“MPLAB® ICD 2 Design Advisory” DS51566
•“Using MPLAB® ICD 3” (poster) DS51765
•“MPLAB® ICD 3 Design Advisory” DS51764
•“MPLAB® REAL ICE™ In-Circuit Debugger
User's Guide” DS51616
•“Using MPLAB® REAL ICE™” (poster) DS51749
2.6
External Oscillator Pins
Many DSCs have options for at least two oscillators: a
high-frequency primary oscillator and a low-frequency
secondary oscillator (refer to Section 8.0 “Oscillator
Configuration”
for details).
The oscillator circuit should be placed on the same
side of the board as the device. Also, place the
oscillator circuit close to the respective oscillator pins,
not exceeding one-half inch (12 mm) distance
between them. The load capacitors should be placed
next to the oscillator itself, on the same side of the
board. Use a grounded copper pour around the
oscillator circuit to isolate them from surrounding
circuits. The grounded copper pour should be routed
directly to the MCU ground. Do not run any signal
traces or power traces inside the ground pour. Also, if
using a two-sided board, avoid any traces on the
other side of the board where the crystal is placed. A
suggested layout is shown in Figure 2-3.
FIGURE 2-3:
SUGGESTED PLACEMENT
OF THE OSCILLATOR
CIRCUIT
13
Main Oscillator
Guard Ring
Guard Trace
Secondary
Oscillator
14
15
16
17
18
19
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com