Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS402 Datasheet(PDF) 96 Page - Microchip Technology

Part # DSPIC33FJ16GS402
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS402 Datasheet(HTML) 96 Page - Microchip Technology

Back Button DSPIC33FJ16GS402 Datasheet HTML 92Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 93Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 94Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 95Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 96Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 97Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 98Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 99Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 94
Preliminary
© 2009 Microchip Technology Inc.
6.7
Configuration Mismatch Reset
To maintain the integrity of the Peripheral Pin Select
Control registers, they are constantly monitored with
shadow registers in hardware. If an unexpected
change in any of the registers occur (such as cell
disturbances caused by ESD or other external events),
a Configuration Mismatch Reset occurs.
The Configuration Mismatch (CM) flag in the Reset
Control (RCON<9>) register is set to indicate the
Configuration Mismatch Reset. Refer to Section 10.0
“I/O
Ports”
for
more
information
on
the
Configuration Mismatch Reset.
6.8
Illegal Condition Device Reset
An illegal condition device Reset occurs due to the
following sources:
• Illegal Opcode Reset
• Uninitialized W Register Reset
• Security Reset
The Illegal Opcode or Uninitialized W Access Reset
(IOPUWR) flag in the Reset Control (RCON<14>)
register is set to indicate the illegal condition device
Reset.
6.8.1
ILLEGAL OPCODE RESET
A device Reset is generated if the device attempts to
execute an illegal opcode value that is fetched from
program memory.
The Illegal Opcode Reset function can prevent the
device from executing program memory sections that
are used to store constant data. To take advantage of
the Illegal Opcode Reset, use only the lower 16 bits of
each program memory section to store the data values.
The upper 8 bits should be programmed with 3Fh,
which is an illegal opcode value.
6.8.2
UNINITIALIZED W REGISTER
RESET
Any attempt to use the uninitialized W register as an
Address Pointer will Reset the device. The W register
array (with the exception of W15) is cleared during all
Resets and is considered uninitialized until written to.
6.8.3
SECURITY RESET
If a Program Flow Change (PFC) or Vector Flow
Change (VFC) targets a restricted location in a
protected segment (boot and secure segment), that
operation will cause a Security Reset.
The PFC occurs when the program counter is reloaded
as a result of a call, jump, computed jump, return,
return from subroutine or other form of branch
instruction.
The VFC occurs when the program counter is reloaded
with an interrupt or trap vector.
Refer to Section 21.8 “Code Protection and
CodeGuard™ Security”
for more information on
Security Reset.
6.9
Using the RCON Status Bits
The user application can read the Reset Control
(RCON) register after any device Reset to determine
the cause of the Reset.
Table 6-3 provides a summary of the Reset flag bit
operation.
TABLE 6-3:
RESET FLAG BIT OPERATION
Note:
The
Configuration
Mismatch
Reset
feature and associated Reset flag are not
available on all devices.
Note:
The status bits in the RCON register
should be cleared after they are read so
that the next RCON register value after a
device Reset will be meaningful.
Flag Bit
Set by:
Cleared by:
TRAPR
(RCON<15>)
Trap conflict event
POR,BOR
IOPWR
(RCON<14>)
Illegal opcode or uninitialized W register
access or Security Reset
POR,BOR
CM
(RCON<9>)
Configuration Mismatch
POR,BOR
EXTR
(RCON<7>)
MCLR Reset
POR
SWR
(RCON<6>)
RESET
instruction
POR,BOR
WDTO
(RCON<4>)
WDT time-out
PWRSAV
instruction, CLRWDT instruction,
POR,BOR
SLEEP
(RCON<3>)
PWRSAV #SLEEP
instruction
POR,BOR
IDLE
(RCON<2>)
PWRSAV #IDLE
instruction
POR,BOR
BOR
(RCON<1>)
POR, BOR
POR
(RCON<0>)
POR
Note:
All Reset flag bits can be set or cleared by user software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com