Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS402 Datasheet(PDF) 31 Page - Microchip Technology

Part # DSPIC33FJ16GS402
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS402 Datasheet(HTML) 31 Page - Microchip Technology

Back Button DSPIC33FJ16GS402 Datasheet HTML 27Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 28Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 29Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 30Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 31Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 32Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 33Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 34Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 29
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
3.0
CPU
The dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 CPU module has a 16-bit (data) modified Harvard
architecture with an enhanced instruction set, including
significant support for DSP. The CPU has a 24-bit
instruction word with a variable length opcode field. The
Program Counter (PC) is 23 bits wide and addresses up
to 4M x 24 bits of user program memory space. The
actual amount of program memory implemented varies
from device to device. A single-cycle instruction prefetch
mechanism is used to help maintain throughput and
provides predictable execution. All instructions execute in
a single cycle, with the exception of instructions that
change the program flow, the double-word move (MOV.D)
instruction and the table instructions. Overhead-free
program loop constructs are supported using the DO and
REPEAT
instructions, both of which are interruptible at
any point.
The dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 devices have sixteen, 16-bit working registers in the
programmer’s model. Each of the working registers can
serve as a data, address or address offset register. The
sixteenth working register (W15) operates as a software
Stack Pointer (SP) for interrupts and calls.
There are two classes of instruction in the
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 devices: MCU and DSP. These two instruction
classes are seamlessly integrated into a single CPU.
The instruction set includes many addressing modes
and is designed for optimum C compiler efficiency.
For most instructions, the dsPIC33FJ06GS101/X02
and dsPIC33FJ16GSX02/X04 is capable of execut-
ing a data (or program data) memory read, a work-
ing register (data) read, a data memory write and a
program (instruction) memory read per instruction
cycle. As a result, three parameter instructions can
be supported, allowing A + B = C operations to be
executed in a single cycle.
A block diagram of the CPU is shown in Figure 3-1,
and
the
programmer’s
model
for
the
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 is shown in Figure 3-2.
3.1
Data Addressing Overview
The data space can be addressed as 32K words or
64 Kbytes and is split into two blocks, referred to as X
and Y data memory. Each memory block has its own
independent Address Generation Unit (AGU). The
MCU class of instructions operates solely through
the X memory AGU, which accesses the entire
memory map as one linear data space. Certain DSP
instructions operate through the X and Y AGUs to
support dual operand reads, which splits the data
address space into two parts. The X and Y data space
boundary is device-specific.
Overhead-free circular buffers (Modulo Addressing
mode) are supported in both X and Y address spaces.
The Modulo Addressing removes the software
boundary checking overhead for DSP algorithms.
Furthermore, the X AGU circular addressing can be
used with any of the MCU class of instructions. The X
AGU also supports Bit-Reversed Addressing to greatly
simplify input or output data reordering for radix-2 FFT
algorithms.
The upper 32 Kbytes of the data space memory map
can optionally be mapped into program space at any
16K program word boundary defined by the 8-bit
Program Space Visibility Page (PSVPAG) register. The
program-to-data space mapping feature lets any
instruction access program space as if it were data
space.
3.2
DSP Engine Overview
The DSP engine features a high-speed, 17-bit by 17-bit
multiplier, a 40-bit ALU, two 40-bit saturating
accumulators and a 40-bit bidirectional barrel shifter.
The barrel shifter is capable of shifting a 40-bit value up
to 16 bits, right or left, in a single cycle. The DSP
instructions operate seamlessly with
all other
instructions and have been designed for optimal real-
time performance. The MAC instruction and other asso-
ciated instructions can concurrently fetch two data
operands from memory while multiplying two W
registers and accumulating and optionally saturating
the result in the same cycle. This instruction
functionality requires that the RAM data space be split
for these instructions and linear for all others. Data
space partitioning is achieved in a transparent and
flexible manner through dedicating certain working
registers to each address space.
Note:
This data sheet summarizes the features
of
the
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04
families
of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to the “dsPIC33F Family
Reference Manual”
, Section 2. “CPU”
(DS70204), which is available from the
Microchip web site (www.microchip.com).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com