Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2455ESOSQTP Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC18F2455ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2455ESOSQTP Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC18F2455ESOSQTP Datasheet HTML 41Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 42Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 43Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 44Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 45Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 46Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 47Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 48Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 438 page
background image
© 2009 Microchip Technology Inc.
DS39632E-page 43
PIC18F2455/2550/4455/4550
3.5.4
EXIT WITHOUT AN OSCILLATOR
START-UP DELAY
Certain exits from power-managed modes do not
invoke the OST at all. There are two cases:
• PRI_IDLE mode, where the primary clock source
is not stopped; and
• the primary clock source is not any of the XT or
HS modes.
In these instances, the primary clock source either
does not require an oscillator start-up delay, since it is
already running (PRI_IDLE), or normally does not
require an oscillator start-up delay (EC and any internal
oscillator modes). However, a fixed delay of interval
TCSD following the wake event is still required when
leaving Sleep and Idle modes to allow the CPU to
prepare for execution. Instruction execution resumes
on the first clock cycle following this delay.
TABLE 3-2:
EXIT DELAY ON WAKE-UP BY RESET FROM SLEEP MODE OR ANY IDLE MODE
(BY CLOCK SOURCES)
Microcontroller Clock Source
Exit Delay
Clock Ready Status
Bit (OSCCON)
Before Wake-up
After Wake-up
Primary Device Clock
(PRI_IDLE mode)
XT, HS
None
OSTS
XTPLL, HSPLL
EC
INTOSC(3)
IOFS
T1OSC or INTRC(1)
XT, HS
TOST(4)
OSTS
XTPLL, HSPLL
TOST + trc(4)
EC
TCSD(2)
INTOSC(3)
TIOBST(5)
IOFS
INTOSC(3)
XT, HS
TOST(4)
OSTS
XTPLL, HSPLL
TOST + trc(4)
EC
TCSD(2)
INTOSC(3)
None
IOFS
None
(Sleep mode)
XT, HS
TOST(4)
OSTS
XTPLL, HSPLL
TOST + trc(4)
EC
TCSD(2)
INTOSC(3)
TIOBST(5)
IOFS
Note 1:
In this instance, refers specifically to the 31 kHz INTRC clock source.
2:
TCSD (parameter 38, Table 28-12) is a required delay when waking from Sleep and all Idle modes and runs
concurrently with any other required delays (see Section 3.4 “Idle Modes”).
3:
Includes both the INTOSC 8 MHz source and postscaler derived frequencies.
4:
TOST is the Oscillator Start-up Timer period (parameter 32, Table 28-12). trc is the PLL lock time-out
(parameter F12, Table 28-9); it is also designated as TPLL.
5:
Execution continues during TIOBST (parameter 39, Table 28-12), the INTOSC stabilization period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com