Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2455ESOSQTP Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC18F2455ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2455ESOSQTP Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC18F2455ESOSQTP Datasheet HTML 70Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 71Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 72Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 73Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 74Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 75Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 76Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 77Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 438 page
background image
PIC18F2455/2550/4455/4550
DS39632E-page 72
© 2009 Microchip Technology Inc.
UCFG
UTEYE
UOEMON
—
UPUEN
UTRDIS
FSEN
PPB1
PPB0
00-0 0000
57, 168
UADDR
—
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
-000 0000
57, 173
UCON
—
PPBRST
SE0
PKTDIS
USBEN
RESUME
SUSPND
—
-0x0 000-
57, 166
USTAT
—
ENDP3
ENDP2
ENDP1
ENDP0
DIR
PPBI
—
-xxx xxx-
57, 171
UEIE
BTSEE
—
—
BTOEE
DFN8EE
CRC16EE
CRC5EE
PIDEE
0--0 0000
57, 185
UEIR
BTSEF
—
—
BTOEF
DFN8EF
CRC16EF
CRC5EF
PIDEF
0--0 0000
57, 184
UIE
—
SOFIE
STALLIE
IDLEIE
TRNIE
ACTVIE
UERRIE
URSTIE
-000 0000
57, 183
UIR
—
SOFIF
STALLIF
IDLEIF
TRNIF
ACTVIF
UERRIF
URSTIF
-000 0000
57, 181
UFRMH
—
—
—
—
—
FRM10
FRM9
FRM8
---- -xxx
57, 173
UFRML
FRM7
FRM6
FRM5
FRM4
FRM3
FRM2
FRM1
FRM0
xxxx xxxx
57, 173
SPPCON(3)
—
—
—
—
—
—
SPPOWN
SPPEN
---- --00
57, 191
SPPEPS(3)
RDSPP
WRSPP
—
SPPBUSY
ADDR3
ADDR2
ADDR1
ADDR0
00-0 0000
57, 195
SPPCFG(3)
CLKCFG1
CLKCFG0
CSEN
CLK1EN
WS3
WS2
WS1
WS0
0000 0000
57, 192
SPPDATA(3)
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
0000 0000
57, 196
TABLE 5-2:
REGISTER FILE SUMMARY (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page
Legend:
x = unknown, u = unchanged, - = unimplemented, q = value depends on condition. Shaded cells are unimplemented, read as ‘0’.
Note
1:
Bit 21 of the TBLPTRU allows access to the device Configuration bits.
2:
The SBOREN bit is only available when BOREN<1:0> = 01; otherwise, the bit reads as ‘0’.
3:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
4:
RA6 is configured as a port pin based on various primary oscillator modes. When the port pin is disabled, all of the associated bits read ‘0’.
5:
RE3 is only available as a port pin when the MCLRE Configuration bit is clear; otherwise, the bit reads as ‘0’.
6:
RC5 and RC4 are only available as port pins when the USB module is disabled (UCON<3> = 0).
7:
I2C™ Slave mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com