Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2455ESOSQTP Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC18F2455ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2455ESOSQTP Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC18F2455ESOSQTP Datasheet HTML 68Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 69Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 70Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 71Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 72Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 73Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 74Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 75Page - Microchip Technology PIC18F2455ESOSQTP Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 438 page
background image
PIC18F2455/2550/4455/4550
DS39632E-page 70
© 2009 Microchip Technology Inc.
OSCCON
IDLEN
IRCF2
IRCF1
IRCF0
OSTS
IOFS
SCS1
SCS0
0100 q000
54, 33
HLVDCON
VDIRMAG
—
IRVST
HLVDEN
HLVDL3
HLVDL2
HLVDL1
HLVDL0
0-00 0101
54, 285
WDTCON
—
—
—
—
—
—
—SWDTEN
--- ---0
54, 304
RCON
IPEN
SBOREN(2)
—RI
TO
PD
POR
BOR
0q-1 11q0
54, 46
TMR1H
Timer1 Register High Byte
xxxx xxxx
54, 136
TMR1L
Timer1 Register Low Byte
xxxx xxxx
54, 136
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
54, 131
TMR2
Timer2 Register
0000 0000
54, 138
PR2
Timer2 Period Register
1111 1111
54, 138
T2CON
—
T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
54, 137
SSPBUF
MSSP Receive Buffer/Transmit Register
xxxx xxxx 54, 198,
207
SSPADD
MSSP Address Register in I2C™ Slave mode. MSSP Baud Rate Reload Register in I2C™ Master mode.
0000 0000
54, 207
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000 54, 198,
208
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000 54, 199,
209
SSPCON2
GCEN
ACKSTAT
ACKDT/
ADMSK5(7)
ACKEN/
ADMSK4(7)
RCEN/
ADMSK3(7)
PEN/
ADMSK2(7)
RSEN/
ADMSK1(7)
SEN
0000 0000
54, 210
ADRESH
A/D Result Register High Byte
xxxx xxxx
54, 274
ADRESL
A/D Result Register Low Byte
xxxx xxxx
54, 274
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
--00 0000
54, 265
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
--00 0qqq
54, 266
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
0-00 0000
54, 267
CCPR1H
Capture/Compare/PWM Register 1 High Byte
xxxx xxxx
55, 144
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx
55, 144
CCP1CON
P1M1(3)
P1M0(3)
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
0000 0000 55, 143,
151
CCPR2H
Capture/Compare/PWM Register 2 High Byte
xxxx xxxx
55, 144
CCPR2L
Capture/Compare/PWM Register 2 Low Byte
xxxx xxxx
55, 144
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
--00 0000
55, 143
BAUDCON
ABDOVF
RCIDL
RXDTP
TXCKP
BRG16
—
WUE
ABDEN
0100 0-00
55, 246
ECCP1DEL
PRSEN
PDC6(3)
PDC5(3)
PDC4(3)
PDC3(3)
PDC2(3)
PDC1(3)
PDC0(3)
0000 0000
55, 160
ECCP1AS
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1(3)
PSSBD0(3)
0000 0000
55, 161
CVRCON
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
0000 0000
55, 281
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0111
55, 275
TMR3H
Timer3 Register High Byte
xxxx xxxx
55, 141
TMR3L
Timer3 Register Low Byte
xxxx xxxx
55, 141
T3CON
RD16
T3CCP2
T3CKPS1
T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
0000 0000
55, 139
SPBRGH
EUSART Baud Rate Generator Register High Byte
0000 0000
55, 247
SPBRG
EUSART Baud Rate Generator Register Low Byte
0000 0000
55, 247
RCREG
EUSART Receive Register
0000 0000
55, 256
TXREG
EUSART Transmit Register
0000 0000
55, 253
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
55, 244
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
55, 245
TABLE 5-2:
REGISTER FILE SUMMARY (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page
Legend:
x = unknown, u = unchanged, - = unimplemented, q = value depends on condition. Shaded cells are unimplemented, read as ‘0’.
Note
1:
Bit 21 of the TBLPTRU allows access to the device Configuration bits.
2:
The SBOREN bit is only available when BOREN<1:0> = 01; otherwise, the bit reads as ‘0’.
3:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
4:
RA6 is configured as a port pin based on various primary oscillator modes. When the port pin is disabled, all of the associated bits read ‘0’.
5:
RE3 is only available as a port pin when the MCLRE Configuration bit is clear; otherwise, the bit reads as ‘0’.
6:
RC5 and RC4 are only available as port pins when the USB module is disabled (UCON<3> = 0).
7:
I2C™ Slave mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com