Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPF2010-2R2M Datasheet(PDF) 14 Page - Skyworks Solutions Inc.

Part # LPF2010-2R2M
Description  600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LPF2010-2R2M Datasheet(HTML) 14 Page - Skyworks Solutions Inc.

Back Button LPF2010-2R2M Datasheet HTML 10Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 11Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 12Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 13Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 14Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 15Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 16Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 17Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 18Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201999B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1171
600mA Voltage-Scaling Step-Down Converter
for RF Power Amplifiers with Bypass Switch
DATA SHEET
PO
PO + PL
3.4 ⋅ 0.6A
3.4V ⋅ 0.6A + 50mW
η =
=
= 97%
PL = IO2 ⋅ DCR = 0.6A2 ⋅ 0.14Ω = 50mW
The 2.2μH inductor selected for the AAT1171 evaluation
board has a 140mΩ DCR and a 0.91A DC current rating.
At 600mA load current, the inductor loss is 50mW which
gives 2.4% loss in efficiency for a 600mA 3.4V output
voltage with an inductor that measures 3.2x3.2x1.2mm.
Output Capacitor Selection
The AAT1171-1/AAT1171-4 are designed for use with
4.7μF 10V X5R ceramic output capacitors, while the
AAT1171-5 is designed for use with 10μF 10V X5R
ceramic output capacitors. Although a larger output
capacitor provides improved response to large load tran-
sients, it also limits the output voltage rise and fall time
in response to the DAC input. For stable operation, with
sufficient phase and gain margin, the internal voltage
loop compensation limits the minimum output capacitor
value to 4.7μF. Increased output capacitance will reduce
the crossover frequency with greater phase margin.
The output voltage droop due to load transients is dom-
inated by the output capacitor. During a step increase in
load current, the output capacitor supplies the load cur-
rent while the control loop responds. Within two or three
switching cycles, the inductor current increases to match
the load current demand. The relationship of the output
voltage droop during the three switching cycles to the
output capacitance can be estimated by:
COUT = 3 · ∆ILOAD
VDROOP · FS
Once the average inductor current increases to the DC
load level, the output voltage recovers. The above equa-
tion establishes a limit on the minimum output capacitor
value necessary to meet a given output voltage droop
requirement (VDROOP) for a given load transient.
The maximum output capacitor RMS ripple current is:
1
23
VOUT · (VIN(MAX) - VOUT)
RMS(MAX)
I
L · FS · VIN(MAX)
=·
·
Dissipation due to the RMS current in the ceramic output
capacitor ESR is typically minimal, resulting in less than
a few degrees rise in hot-spot temperature.
Input Capacitor Selection
A 10V X5R or X7R ceramic capacitor is suggested for the
input capacitor with typical values ranging from 4.7μF to
10μF. To estimate the required input capacitance size,
determine the acceptable input ripple level (VPP) and solve
for C, as shown below. The calculated value varies with
input voltage and is a maximum when VIN is double the
output voltage. Always examine the ceramic capacitor DC
voltage coefficient characteristics when selecting the
proper value. For example, due to the voltage coefficient
of a 10μF 6.3V X5R ceramic capacitor, with an applied
voltage of 5V DC the capacitance decreases to 6μF.
⎛⎞
· 1 -
⎝⎠
VO
VIN
CIN =
VO
VIN
⎛⎞
- ESR
·
FS
⎝⎠
VPP
IO
⎛⎞
· 1 -
=
⎝⎠
VO
VIN
VO
VIN
1
4
CIN(MIN) =
1
⎛⎞
- ESR
·
4 · FS
⎝⎠
VPP
IO
The maximum input capacitor RMS current is:
⎛⎞
IRMS = IO ·
· 1 -
⎝⎠
VO
VIN
VO
VIN
The input capacitor RMS ripple current varies with the
input and output voltage and will always be less than or
equal to half of the total DC load current.
⎛⎞
· 1 -
= D · (1 - D) =
0.52 =
⎝⎠
VO
VIN
VO
VIN
1
2
for
VIN = 2 · VO
IO
RMS(MAX)
I
2
=
The term
⎛⎞
· 1 -
⎝⎠
VO
VIN
VO
VIN
appears in both the input voltage
ripple and input capacitor RMS current equations and is
a maximum when VIN is twice Vo; therefore, the input
voltage ripple and the input capacitor RMS current ripple
are a maximum at 50% duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com