Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPF2010-2R2M Datasheet(PDF) 20 Page - Skyworks Solutions Inc.

Part # LPF2010-2R2M
Description  600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LPF2010-2R2M Datasheet(HTML) 20 Page - Skyworks Solutions Inc.

Back Button LPF2010-2R2M Datasheet HTML 14Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 15Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 16Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 17Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 18Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 19Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 20Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 21Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 22Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201999B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1171
600mA Voltage-Scaling Step-Down Converter
for RF Power Amplifiers with Bypass Switch
DATA SHEET
Manufacturer
Value
Device
Voltage
Case Size
Part Number
AVX
www.avxcorp.com
10μF
Output Capacitor
10V
0805
0805ZD106KAT
Murata
www.murata.com
4.7μF
Output or Input Capacitor
10V
0805
GRM21BR61A475KA73L
Input Capacitor
6.3V
0603
GRM188R60J475KE19D
10μF
Output Capacitor
10V
0805
GRM21BR61A106K
TDK
www.tdk.com
4.7μF
Output or Input Capacitor
10V
0805
C2012X5R1A475K
Input Capacitor
6.3V
0603
C1608X5ROJ475K
10μF
Output Capacitor
10V
0805
C2012X5R1A106K
Taiyo Yuden
www.t-yuden.com
4.7μF
Output or Input Capacitor
10V
0805
LMK212BJ475MG
Input Capacitor
6.3V
0603
JMK107BJ475MA
Manufacturer
Value
ISAT
IRMS
DCR
Case Size
(mm)
Part Number
Cooper Electronics
www.cooperet.com
2.2μH
1.12A
0.91A
140mΩ
3.1x3.1x1.2
SD3118-2R2
4.7μH
0.8A
0.74A
246mΩ
3.1x3.1x1.2
SD3112-4R7-R
Sumida
www.sumida.com
2.2μH
1.1A
1.3A
96mΩ
3.2x3.2x1.2
CDRH2D11/HP
4.7μH
0.75A
0.85A
238mΩ
3.2x3.2x1.2
CDRH2D11/HP
ABCO Electronics
www.abco.co.kr
2.2μH
0.52A
200mΩ
2.0x2.0x1.0
LPF2010-2R2M
2.2μH
0.55A
110mΩ
2.0x2.0x1.4
LPF2010-2R2M
Table 1: Suggested Component Selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com