Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPF2010-2R2M Datasheet(PDF) 18 Page - Skyworks Solutions Inc.

Part # LPF2010-2R2M
Description  600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LPF2010-2R2M Datasheet(HTML) 18 Page - Skyworks Solutions Inc.

Back Button LPF2010-2R2M Datasheet HTML 14Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 15Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 16Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 17Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 18Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 19Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 20Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 21Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 22Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201999B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1171
600mA Voltage-Scaling Step-Down Converter
for RF Power Amplifiers with Bypass Switch
DATA SHEET
PA Step-Down Converter Design Example
Specifications
VO(BUCK) 0.6V to 3.4V with RL =10Ω
VIN
2.7V to 4.2V (3.6V nominal)
FS
2.0MHz
TAMB
85°C
Output Inductor
L1 = 2.2μH
For Copper Electronics SD3112, 2.2μH, DCR = 140mΩ.
VO
VO
2.1
V
2.1V
ΔIL1(MAX) =
⋅ 1 -
=
⋅ 1 -
= 239mA
L ⋅ FS
VIN
2.2µH ⋅ 2.0MHz
4.2V
⎛
⎝
⎞
⎠
⎛
⎝
⎞
⎠
The maximum inductor ripple current occurs at 50% duty cycle at the maximum input voltage.
I
PKL1 = IO +
ΔIL1(MAX)
= 0.6A + 0.118A = 0.718A
2
P
L1 = IO
2
⋅ DCR = 0.6A2 ⋅ 140mΩ = 50mW
Output Capacitor
Specify that VDROOP = 0.2V for a 600mA load pulse.
1
23
1
3.4V · (4.2V - 3.4V)
4.7µH · 2.0MHz · 4.2V
23
RMS
I
L1 · FS · VIN(MAX)
=
·
·
3 · ΔILOAD
VDROOP · FS
3 · 0.6A
0.2V · 2.0MHz
COUT =
=
= 4.5µF
·
= 69mArms
·
(VO) · (VIN(MAX) - VO) =
PESR = ESR · IRMS2 = 5mΩ · (69mA)2 = 24µW
Input Capacitor
Specify a maximum input voltage ripple of VPP = 25mV.
CIN(MIN) =
=
= 3.4µF
1
⎛⎞
- ESR ·
4 · FS
⎝⎠
VPP
IO
1
⎛⎞
- 5mΩ ·
4 · 2.0MHz
⎝⎠
25mV
0.6A
IO
RMS
I
P = ESR · IRMS2 = 5mΩ · (0.3A)2 = 0.45mW
2
=
= 0.3Arms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com