Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C971 Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 27Page - Advanced Micro Devices AM79C971 Datasheet HTML 28Page - Advanced Micro Devices AM79C971 Datasheet HTML 29Page - Advanced Micro Devices AM79C971 Datasheet HTML 30Page - Advanced Micro Devices AM79C971 Datasheet HTML 31Page - Advanced Micro Devices AM79C971 Datasheet HTML 32Page - Advanced Micro Devices AM79C971 Datasheet HTML 33Page - Advanced Micro Devices AM79C971 Datasheet HTML 34Page - Advanced Micro Devices AM79C971 Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 265 page
background image
Am79C971
31
Figure 1.
Slave Configuration Read
The Am79C971 controller will not assert DEVSEL if it
detects an address match, but the PCI command is not
of the correct type. In memory mapped I/O mode, the
Am79C971 controller aliases all accesses to the I/O re-
sources of the command types Memory Read Multiple
and Memory Read Line to the basic Memory Read
command. All accesses of the type Memory Write and
Invalidate are aliased to the basic Memory Write com-
mand. Eight-bit, 16-bit, and 32-bit non-burst transac-
tions are suppor ted. The Am79C971 controller
decodes all 32 address lines to determine which I/O re-
source is accessed.
The typical number of wait states added to a slave I/O
or memory mapped I/O read or write access on the part
of the Am79C971 controller is six to seven clock cycles,
depending upon the relative phases of the internal
Buffer Management Unit clock and the CLK signal,
since the internal Buffer Management Unit clock is a di-
vide-by-two version of the CLK signal.
The Am79C971 controller does not support burst trans-
fers for access to its I/O resources. When the host
keeps FRAME asserted for a second data phase, the
Am79C971 controller will disconnect the transfer.
Figure 2.
Slave Configuration Write
The Am79C971 controller supports fast back-to-back
transactions to different targets. This is indicated by the
Fast Back-To-Back Capable bit (PCI Status register, bit
7), which is hardwired to 1. The Am79C971 controller
is capable of detecting an I/O or a memory-mapped
I/O cycle even when its address phase immediately fol-
lows the data phase of a transaction to a different tar-
get, without any idle state in-between. There will be no
contention on the DEVSEL, TRDY, and STOP signals,
since the Am79C971 controller asserts DEVSEL on
the second clock after FRAME is asserted (medium
timing) See Figure 3 and Figure 4.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
IDSEL
1
23456
1010
PAR
PAR
PAR
DEVSEL is sampled
BE
DATA
ADDR
7
20550D-4
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
IDSEL
1
23456
1011
PAR
PAR
PAR
BE
DATA
ADDR
7
20550D-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com