Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C971 Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 29Page - Advanced Micro Devices AM79C971 Datasheet HTML 30Page - Advanced Micro Devices AM79C971 Datasheet HTML 31Page - Advanced Micro Devices AM79C971 Datasheet HTML 32Page - Advanced Micro Devices AM79C971 Datasheet HTML 33Page - Advanced Micro Devices AM79C971 Datasheet HTML 34Page - Advanced Micro Devices AM79C971 Datasheet HTML 35Page - Advanced Micro Devices AM79C971 Datasheet HTML 36Page - Advanced Micro Devices AM79C971 Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 265 page
background image
Am79C971
33
Expansion ROM Transfers
The host must initialize the Expansion ROM Base Ad-
dress register at offset 30H in the PCI configuration
space with a valid address before enabling the access
to the device. The Am79C971 controller will not react to
any access to the Expansion ROM until both MEMEN
(PCI Command register, bit 1) and ROMEN (PCI Ex-
pansion ROM Base Address register, bit 0) are set to 1.
After the Expansion ROM is enabled, the Am79C971
controller will assert DEVSEL on all memory read ac-
cesses with an address between ROMBASE and
ROMBASE + 1M - 4. The Am79C971 controller aliases
all accesses to the Expansion ROM of the command
types Memory Read Multiple and Memory Read Line to
the basic Memory Read command. Eight-bit, 16-bit,
and 32-bit read transfers are supported.
Since setting MEMEN also enables memory mapped
access to the I/O resources, attention must be given
the PCI Memory Mapped I/O Base Address register
before enabling access to the Expansion ROM. The
host must set the PCI Memory Mapped I/O Base Ad-
dress register to a value that prevents the Am79C971
controller from claiming any memory cycles not in-
tended for it.
The Am79C971 controller will always read four bytes
for every host Expansion ROM read access. TRDY will
not be asserted until all four bytes are loaded into an in-
ternal scratch register. The cycle TRDY is asserted de-
pends on the programming of the Expansion ROM
interface timing. The following figure (Figure 5) as-
sumes that ROMTMG (BCR18, bits 15-12) is at its de-
fault value.
Note: The Expansion ROM should be read only during
PCI configuration time for the PCI system.
When the host tries to write to the Expansion ROM, the
Am79C971 controller will claim the cycle by asserting
DEVSEL. TRDY will be asserted one clock cycle later.
The write operation will have no effect. Writes to the Ex-
pansion ROM are done through the BCR30 Expansion
Bus Data Port. See the section on the Expansion Bus
Interface for more details.
The Am79C971 controller supports fast back-to-back
transactions to different targets. This is indicated by the
Fast Back-To-Back Capable bit (PCI Status register, bit
7), which is hardwired to 1. The Am79C971 controller
is capable of detecting a memory cycle even when its
address phase immediately follows the data phase of a
transaction to a different target without any idle state in-
between. There will be no contention on the DEVSEL,
TRDY, and STOP signals, since the Am79C971 con-
troller asserts DEVSEL on the second clock after
FRAME is asserted (medium timing). See Figure 5.
Figure 5.
Expansion ROM Read
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
PAR
ADDR
CMD
PAR
1
2345
42
43
44
45
DATA
PAR
BE
DEVSEL is sampled
20550D-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com