Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C971 Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 30Page - Advanced Micro Devices AM79C971 Datasheet HTML 31Page - Advanced Micro Devices AM79C971 Datasheet HTML 32Page - Advanced Micro Devices AM79C971 Datasheet HTML 33Page - Advanced Micro Devices AM79C971 Datasheet HTML 34Page - Advanced Micro Devices AM79C971 Datasheet HTML 35Page - Advanced Micro Devices AM79C971 Datasheet HTML 36Page - Advanced Micro Devices AM79C971 Datasheet HTML 37Page - Advanced Micro Devices AM79C971 Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 265 page
background image
34
Am79C971
During the boot procedure, the system will try to find an
Expansion ROM. A PCI system assumes that an Ex-
pansion ROM is present when it reads the ROM signa-
ture 55H (byte 0) and AAH (byte 1). A design without
Expansion ROM can guarantee that the Expansion
ROM detection fails by connecting two adjacent EBD
pins together.
Slave Cycle Termination
There are three scenarios besides normal completion
of a transaction where the Am79C971controller is the
target of a slave cycle and it will terminate the access.
Disconnect When Busy
The Am79C971controller cannot service any slave ac-
cess while it is reading the contents of the EEPROM.
Simultaneous access is not possible to avoid conflicts,
since the EEPROM is used to initialize some of the PCI
configuration space locations and most of the BCRs.
The EEPROM read operation will always happen auto-
matically after the deassertion of the RST pin. In addi-
tion, the host can start the read operation by setting the
PREAD bit (BCR19, bit 14). While the EEPROM read
is on-going, the Am79C971controller will disconnect
any slave access where it is the target by asserting
STOP together with DEVSEL, while driving TRDY high.
STOP will stay asserted until the end of the cycle.
Note that I/O and memory slave accesses will only be
disconnected if they are enabled by setting the IOEN or
MEMEN bit in the PCI Command register. Without the
enable bit set, the cycles will not be claimed at all.
Since H_RESET clears the IOEN and MEMEN bits for
the automatic EEPROM read after H_RESET, the dis-
connect only applies to configuration cycles.
A second situation where the Am79C971controller will
generate a PCI disconnect/retry cycle is when the host
tries to access any of the I/O resources right after hav-
ing read the Reset register. Since the access gener-
ates an internal reset pulse of about 1
µs in length, all
further slave accesses will be deferred until the internal
reset operation is completed. See Figure 6.
Disconnect Of Burst Transfer
The Am79C971controller does not support burst ac-
cess to the configuration space, the I/O resources, or to
the Expansion Bus. The host indicates a burst transac-
tion by keeping FRAME asserted during the data
phase. When the Am79C971controller sees FRAME
and IRDY asserted in the clock cycle before it wants to
assert TRDY, it also asserts STOP at the same time.
The transfer of the first data phase is still successful,
since IRDY and TRDY are both asserted. See Figure 7.
Figure 6.
Disconnect Of Slave Cycle When Busy
Figure 7.
Disconnect Of Slave Burst Transfer - No
Host Wait States
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
1
2345
CMD
PAR
PAR
PAR
BE
DATA
ADDR
20550D-9
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
1
2345
CMD
PAR
PAR
PAR
BE
DATA
ADDR
20550D-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com