Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q32BVZPIP Datasheet(PDF) 69 Page - Winbond

Part # W25Q32BVZPIP
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32BVZPIP Datasheet(HTML) 69 Page - Winbond

Back Button W25Q32BVZPIP Datasheet HTML 65Page - Winbond W25Q32BVZPIP Datasheet HTML 66Page - Winbond W25Q32BVZPIP Datasheet HTML 67Page - Winbond W25Q32BVZPIP Datasheet HTML 68Page - Winbond W25Q32BVZPIP Datasheet HTML 69Page - Winbond W25Q32BVZPIP Datasheet HTML 70Page - Winbond W25Q32BVZPIP Datasheet HTML 71Page - Winbond W25Q32BVZPIP Datasheet HTML 72Page - Winbond W25Q32BVZPIP Datasheet HTML 73Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
W25Q32BV
Publication Release Date: October 04,2013
- 69 -
Revision I
9.2
8-Pin VSOP 208-mil (Package Code ST)
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
―
―
1.00
―
―
0.039
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
0.75
0.80
0.85
0.030
0.031
0.033
b
0.35
0.42
0.48
0.014
0.017
0.019
c
0.127 REF
0.005 REF
D
5.18
5.28
5.38
0.204
0.208
0.212
E
7.70
7.90
8.10
0.303
0.311
0.319
E1
5.18
5.28
5.38
0.204
0.208
0.212
e
―
1.27
―
―
0.050
―
L
0.50
0.65
0.80
0.020
0.026
0.031
y
―
―
0.10
―
―
0.004
θ
0°
―
8°
0°
―
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com