Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q32BVZPIP Datasheet(PDF) 71 Page - Winbond

Part # W25Q32BVZPIP
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32BVZPIP Datasheet(HTML) 71 Page - Winbond

Back Button W25Q32BVZPIP Datasheet HTML 67Page - Winbond W25Q32BVZPIP Datasheet HTML 68Page - Winbond W25Q32BVZPIP Datasheet HTML 69Page - Winbond W25Q32BVZPIP Datasheet HTML 70Page - Winbond W25Q32BVZPIP Datasheet HTML 71Page - Winbond W25Q32BVZPIP Datasheet HTML 72Page - Winbond W25Q32BVZPIP Datasheet HTML 73Page - Winbond W25Q32BVZPIP Datasheet HTML 74Page - Winbond W25Q32BVZPIP Datasheet HTML 75Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
W25Q32BV
Publication Release Date: October 04,2013
- 71 -
Revision I
9.4
8-Pad WSON 6x5-mm (Package Code ZP)
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.35
0.40
0.48
0.014
0.016
0.019
C
---
0.20 REF
---
---
0.008 REF
---
D
5.90
6.00
6.10
0.232
0.236
0.240
D2
3.35
3.40
3.45
0.132
0.134
0.136
E
4.90
5.00
5.10
0.193
0.197
0.201
E2
4.25
4.30
4.35
0.167
0.169
0.171
e
1.27 BSC
0.050 BSC
L
0.55
0.60
0.65
0.022
0.024
0.026
y
0.00
---
0.075
0.000
---
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com