Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q32BVZPIP Datasheet(PDF) 9 Page - Winbond

Part # W25Q32BVZPIP
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32BVZPIP Datasheet(HTML) 9 Page - Winbond

Back Button W25Q32BVZPIP Datasheet HTML 5Page - Winbond W25Q32BVZPIP Datasheet HTML 6Page - Winbond W25Q32BVZPIP Datasheet HTML 7Page - Winbond W25Q32BVZPIP Datasheet HTML 8Page - Winbond W25Q32BVZPIP Datasheet HTML 9Page - Winbond W25Q32BVZPIP Datasheet HTML 10Page - Winbond W25Q32BVZPIP Datasheet HTML 11Page - Winbond W25Q32BVZPIP Datasheet HTML 12Page - Winbond W25Q32BVZPIP Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
W25Q32BV
Publication Release Date: October 04,2013
- 9 -
Revision I
3.7
Ball Configuration TFBGA 8x6-mm
D1
/HOLD(IO3)
DI(IO0)
DO(IO1)
/WP (IO2)
D2
D3
D4
NC
E1
NC
NC
NC
E2
E3
E4
NC
F1
NC
NC
NC
F2
F3
F4
NC
A1
NC
NC
NC
A2
A3
A4
NC
B1
VCC
GND
CLK
B2
B3
B4
NC
C1
NC
/CS
C2
C3
C4
NC
Top View
Package Code TC
D1
/HOLD(IO3)
DI(IO0)
DO(IO1)
/WP (IO2)
D2
D3
D4
NC
E1
NC
NC
NC
E2
E3
E4
NC
B5
NC
NC
NC
A2
A3
A4
NC
B1
VCC
GND
CLK
B2
B3
B4
NC
C1
NC
/CS
C2
C3
C4
NC
Top View
Package Code TB
C5
NC
D5
NC
E5
NC
A5
NC
Figure 1e. W25Q32BV Ball Assignments, 24-ball TFBGA 8x6-mm (Package Code TB, TC)
3.8
Ball Description TFBGA 8x6-mm
BALL NO.
PIN NAME
I/O
FUNCTION
B2
CLK
I
Serial Clock Input
B3
GND
Ground
B4
VCC
Power Supply
C2
/CS
I
Chip Select Input
C4
/WP (IO2)
I/O
Write Protect Input (Data Input Output 2)*
2
D2
DO (IO1)
I/O
Data Output (Data Input Output 1)*
1
D3
DI (IO0)
I/O
Data Input (Data Input Output 0)*
1
D4
/HOLD (IO3)
I/O
Hold Input (Data Input Output 3)*
2
Multiple
NC
No Connect
*1 IO0 and IO1 are used for Standard and Dual SPI instructions
*2 IO0
– IO3 are used for Quad SPI instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com