Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1.5KE6V8A/CA Datasheet(PDF) 3 Page - STMicroelectronics

Part # 1.5KE6V8A/CA
Description  Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1.5KE6V8A/CA Datasheet(HTML) 3 Page - STMicroelectronics

  1.5KE6V8A/CA Datasheet HTML 1Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 2Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 3Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 4Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 5Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 6Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 7Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 8Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1.5KE
Characteristics
Doc ID 2913 Rev 4
3/10
Table 3.
Electrical characteristics - parameter values (Tamb = 25 °C)
Order code
IRM @ VRM
VBR
@
IR
(1)
VCL @ IPP
10/1000 µs
VCL @ IPP
8/20 µs
αT(2)
C(3)
max.
max. nom.
min.
max.
max.
max.
typ.
µA
V
V
V
V
mA
V
A
V
A
10-4/ °C
pF
1.5KE6V8A/CA
1000
5.8
6.45
6.8
7.14
10
10.5
143
13.4
746
5.7
9500
1.5KE7V5A/CA
500
6.4
7.13
7.5
7.88
10
11.3
132
14.5
690
6.1
8500
1.5KE10A/CA
10
8.55
9.5
10
10.5
1
14.5
100
18.6
538
7.3
7000
1.5KE12A/CA
5
10.2
11.4
12
12.6
1
16.7
90
21.7
461
7.8
6000
1.5KE15A/CA
1
12.8
14.3
15
15.8
1
21.2
71
27.2
368
8.4
5000
1.5KE18A/CA
1
15.3
17.1
18
18.9
1
25.2
59.5
32.5
308
8.8
4300
1.5KE22A/CA
1
18.8
20.9
22
23.1
1
30.6
49
39.3
254
9.2
3700
1.5KE24A/CA
1
20.5
22.8
24
25.2
1
33.2
45
42.8
234
9.4
3500
1.5KE27A/CA
1
23.1
25.7
27
28.4
1
37.5
40
48.3
207
9.6
3200
1.5KE30A/CA
1
25.6
28.5
30
31.5
1
41.5
36
53.5
187
9.7
2900
1.5KE33A/CA
1
28.2
31.4
33
34.7
1
45.7
33
59.0
169
9.8
2700
1.5KE36A/CA
1
30.8
34.2
36
37.8
1
49.9
30
64.3
156
9.9
2500
1.5KE39A/CA
1
33.3
37.1
39
41.0
1
53.9
28
69.7
143
10.0
2400
1.5KE47A/CA
1
40.2
44.7
47
49.4
1
64.8
23.2
84
119
10.1
2050
1.5KE56A/CA
1
47.8
53.2
56
58.8
1
77
19.5
100
100
10.3
1800
1.5KE62A/CA
1
53.0
58.9
62
65.1
1
85
17.7
111
90
10.4
1700
1.5KE68A/CA
1
58.1
64.6
68
71.4
1
92
16.3
121
83
10.4
1550
1.5KE82A/CA
1
70.1
77.9
82
86.1
1
113
13.3
146
69
10.5
1350
1.5KE100A/CA
1
85.5
95.0
100
105
1
137
11
178
56
10.6
1150
1.5KE120A/CA
1
102
114
120
126
1
165
9.1
212
47
10.7
1000
1.5KE150A/CA
1
128
143
150
158
1
207
7.2
265
38
10.8
850
1.5KE180A/CA
1
154
171
180
189
1
246
6.1
317
31.5
10.8
725
1.5KE200A/CA
1
171
190
200
210
1
274
5.5
353
28
10.8
675
1.5KE220A/CA
1
188
209
220
231
1
328
4.6
388
26
10.8
625
1.5KE250A/CA
1
213
237
250
263
1
344
5.0
442
23
11
560
1.5KE300A/CA
1
256
285
300
315
1
414
5.0
529
19
11
500
1.5KE350A/CA
1
299
332
350
368
1
482
4.0
618
16
11
430
1.5KE400A/CA
1
342
380
400
420
1
548
4.0
706
14
11
390
1.5KE440A/CA
1
376
418
440
462
1
603
3.5
776
13
11
360
1.
Pulse test: tp < 50 ms (see Figure 2)
2.
ΔVBR = αT × (Tamb - 25) × VBR(25 °C)
3.
VR = 0 V, F = 1 MHz. For bidirectional types, capacitance value is divided by 2.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com