Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1.5KE6V8A/CA Datasheet(PDF) 4 Page - STMicroelectronics

Part # 1.5KE6V8A/CA
Description  Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1.5KE6V8A/CA Datasheet(HTML) 4 Page - STMicroelectronics

  1.5KE6V8A/CA Datasheet HTML 1Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 2Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 3Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 4Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 5Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 6Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 7Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 8Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
1.5KE
4/10
Doc ID 2913 Rev 4
Figure 2.
Pulse definition for electrical characteristics
The curves of Figure 5 are specified for a junction temperature of 25 °C before surge. The
given results may be extrapolated for other junction temperatures by using the following
formula:
ΔVBR = αT × (Tamb - 25) × VBR (25 °C).
For intermediate voltages, extrapolate the given results.
Repetitive pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
tr
tp
% Ipp
100
50
0
Figure 3.
Peak pulse power dissipation
versus initial junction temperature
(printed circuit board)
Figure 4.
Peak pulse power versus
exponential pulse duration
Peak power
(on printed circuit)
100%
80%
60%
40%
20%
0%
0
20
40
60
80
100
120
140
160
180 200
Tj initial
Figure 5.
Clamping voltage versus peak
pulse current
Figure 6.
Capacitance versus reverse applied
voltage for unidirectional types
(typical values)
1.5KE56A
1.5KE220A
1.5KE440A
1.5KE100A
1.5KE6V8A
1.5KE12A
1.5KE22A
1000
100
10
1
0.1
1
10
100
1000
vcl (v)
tp = 20 µs
tp = 1 ms
tp = 10 ms
Ipp (A)
tr
tp
% Ipp
100
50
0
Tj initial = 25°C
tr <10µs
1.5KE 68
1.5KE 100
1.5KE 7V
5
1.5KE 15
10
100
1000
10000
1
500
1
100
10
C (pF)
Tj = 25 °C
F = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com