Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1.5KE6V8A/CA Datasheet(PDF) 5 Page - STMicroelectronics

Part # 1.5KE6V8A/CA
Description  Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1.5KE6V8A/CA Datasheet(HTML) 5 Page - STMicroelectronics

  1.5KE6V8A/CA Datasheet HTML 1Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 2Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 3Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 4Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 5Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 6Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 7Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 8Page - STMicroelectronics 1.5KE6V8A/CA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1.5KE
Characteristics
Doc ID 2913 Rev 4
5/10
Figure 7.
Capacitance versus reverse applied
voltage for bidirectional types
(typical values)
Figure 8.
Peak forward voltage drop versus
peak forward current (typical values
for unidirectional types)
F
1
500
1
100
10
10
100
10
1000
10000
Multiply by 2 for units with V
> 220 V
BR
500
100
10
1
00.5
11.5
22.53
3.5
44.55
IFM (A)
VFM (V)
Figure 9.
Transient thermal impedance
junction-ambient versus pulse
duration
Figure 10.
Relative variation of leakage
current versus junction
temperature
Epoxy printed circuit board, FR4
copper thickness = 35 µm
tp (s)
Zth (j-a) (°C/W)
100
10
1
0.1
0.01
0.1
1
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com