| Electronic Components Datasheet Search |
|
ST62P25LB3 Datasheet(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LB3 Datasheet(HTML) 55 Page - STMicroelectronics |
|
55 / 105 page ![]() ST6215C ST6225C 55/105 A/D CONVERTER (Cont’d) 9.3.4 Recommendations The following six notes provide additional informa- tion on using the A/D converter. 1.The A/D converter does not feature a sample and hold circuit. The analog voltage to be meas- ured should therefore be stable during the entire conversion cycle. Voltage variation should not ex- ceed ±1/2 LSB for optimum conversion accuracy. A low pass filter may be used at the analog input pins to reduce input voltage variation during con- version. 2. When selected as an analog channel, the input pin is internally connected to a capacitor Cad of typically 9pF. For maximum accuracy, this capaci- tor must be fully charged at the beginning of con- version. In the worst case, conversion starts one instruction (6.5 µs) after the channel has been se- lected. The impedance of the analog voltage source (ASI) in worst case conditions, is calculat- ed using the following formula: 6.5µs = 9 x Cad x ASI (capacitor charged to over 99.9%), i.e. 30 k Ω in- cluding a 50% guardband. The ASI can be higher if Cad has been charged for a longer period by adding instructions before the start of conversion (adding more than 26 CPU cy- cles is pointless). 3. Since the ADC is on the same chip as the micro- processor, the user should not switch heavily load- ed output signals during conversion, if high preci- sion is required. Such switching will affect the sup- ply voltages used as analog references. 4. Conversion accuracy depends on the quality of the power supplies (VDD and VSS). The user must take special care to ensure a well regulated refer- ence voltage is present on the VDD and VSS pins (power supply voltage variations must be less than 0.1V/ms). This implies, in particular, that a suitable decoupling capacitor is used at the VDD pin. The converter resolution is given by: The Input voltage (Ain) which is to be converted must be constant for 1µs before conversion and remain constant during conversion. 5. Conversion resolution can be improved if the power supply voltage (VDD) to the microcontroller is lowered. 6. In order to optimize the conversion resolution, the user can configure the microcontroller in WAIT mode, because this mode minimises noise distur- bances and power supply variations due to output switching. Nevertheless, the WAIT instruction should be executed as soon as possible after the beginning of the conversion, because execution of the WAIT instruction may cause a small variation of the VDD voltage. The negative effect of this var- iation is minimized at the beginning of the conver- sion when the converter is less sensitive, rather than at the end of conversion, when the least sig- nificant bits are determined. The best configuration, from an accuracy stand- point, is WAIT mode with the Timer stopped. In this case only the ADC peripheral and the oscilla- tor are then still working. The MCU must be woken up from WAIT mode by the ADC interrupt at the end of the conversion. The microcontroller can also be woken up by the Timer interrupt, but this means the Timer must be running and the result- ing noise could affect conversion accuracy. Caution: When an I/O pin is used as an analog in- put, A/D conversion accuracy will be impaired if negative current injections (VINJ < VSS) occur from adjacent I/O pins with analog input capability. Re- fer to Figure 35. To avoid this: – Use another I/O port located further away from the analog pin, preferably not multiplexed on the A/D converter – Increase the input resistance RIN J (to reduce the current injections) and reduce RADC (to preserve conversion accuracy). Figure 35. Leakage from Digital Inputs V DD V SS – 256 -------------------------------- PBy/AINy PBx/AINx RADC Leakage Current if VINJ < VSS A/D I/O Port (Digital I/O) RINJ Converter Digital Input Analog Input VAIN VINJ 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |