| Electronic Components Datasheet Search |
|
ST62P25LB3 Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LB3 Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 105 page ![]() ST6215C ST6225C 17/105 4 CENTRAL PROCESSING UNIT 4.1 INTRODUCTION The CPU Core of ST6 devices is independent of the I/O or Memory configuration. As such, it may be thought of as an independent central processor communicating with on-chip I/O, Memory and Pe- ripherals via internal address, data, and control buses. 4.2 MAIN FEATURES ■ 40 basic instructions ■ 9 main addressing modes ■ Two 8-bit index registers ■ Two 8-bit short direct registers ■ Low power modes ■ Maskable hardware interrupts ■ 6-level hardware stack 4.3 CPU REGISTERS The ST6 Family CPU core features six registers and three pairs of flags available to the programmer. These are described in the following paragraphs. Accumulator (A). The accumulator is an 8-bit general purpose register used in all arithmetic cal- culations, logical operations, and data manipula- tions. The accumulator can be addressed in Data Space as a RAM location at address FFh. Thus the ST6 can manipulate the accumulator just like any other register in Data Space. Index Registers (X, Y). These two registers are used in Indirect addressing mode as pointers to memory locations in Data Space. They can also be accessed in Direct, Short Direct, or Bit Direct addressing modes. They are mapped in Data Space at addresses 80h (X) and 81h (Y) and can be accessed like any other memory location. Short Direct Registers (V, W). These two regis- ters are used in Short Direct addressing mode. This means that the data stored in V or W can be accessed with a one-byte instruction (four CPU cy- cles). V and W can also be accessed using Direct and Bit Direct addressing modes. They are mapped in Data Space at addresses 82h (V) and 83h (W) and can be accessed like any other mem- ory location. Note: The X and Y registers can also be used as Short Direct registers in the same way as V and W. Program Counter (PC). The program counter is a 12-bit register which contains the address of the next instruction to be executed by the core. This ROM location may be an opcode, an operand, or the address of an operand. Figure 7. CPU Registers ACCUMULATOR X INDEX REGISTER Y INDEX REGISTER PROGRAM COUNTER RESET VALUE = RESET VECTOR @ 0FFEh-0FFFh 70 70 70 0 11 RESET VALUE = xxh RESET VALUE = xxh RESET VALUE = xxh x = Undefined value V SHORT INDIRECT 70 RESET VALUE = xxh W SHORT INDIRECT 70 RESET VALUE = xxh NORMAL FLAGS CN ZN CI ZI CNMI ZNMI INTERRUPT FLAGS NMI FLAGS SIX LEVEL STACK REGISTER REGISTER 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |