| Electronic Components Datasheet Search |
|
ST62P25LB3 Datasheet(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LB3 Datasheet(HTML) 80 Page - STMicroelectronics |
|
80 / 105 page ![]() ST6215C ST6225C 80/105 EMC CHARACTERISTICS (Cont’d) 11.7.2.2 Static and Dynamic Latch-Up ■ LU: 3 complementary static tests are required on 10 parts to assess the latch-up performance. A supply overvoltage (applied to each power supply pin), a current injection (applied to each input, output and configurable I/O pin) and a power supply switch sequence are performed on each sample. This test conforms to the EIA/ JESD 78 IC latch-up standard. For more details, refer to the AN1181 application note. ■ DLU: Electro-Static Discharges (one positive then one negative test) are applied to each pin of 3 samples when the micro is running to assess the latch-up performance in dynamic mode. Power supplies are set to the typical values, the oscillator is connected as near as possible to the pins of the micro and the component is put in reset mode. This test conforms to the IEC1000-4-2 and SAEJ1752/3 standards and is described in Figure 58. For more details, refer to the AN1181 application note. Electrical Sensitivities Notes: 1. Class description: A Class is an STMicroelectronics internal specification. All its limits are higher than the JEDEC spec- ifications, that means when a device belongs to Class A it exceeds the JEDEC standard. B Class strictly covers all the JEDEC criteria (international standard). 2. Schaffner NSG435 with a pointed test finger. Figure 58. Simplified Diagram of the ESD Generator for DLU Symbol Parameter Conditions Class 1) LU Static latch-up class TA=+25°C TA=+85°C A A DLU Dynamic latch-up class VDD=5V, fOSC=4MHz, TA=+25°C A RCH=50MΩ RD=330Ω CS=150pF ESD HV RELAY DISCHARGE TIP DISCHARGE RETURN CONNECTION GENERATOR 2) ST6 VDD VSS 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |