Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S14PHR Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST1S14PHR
Description  Up to 3 A step-down switching regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14PHR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST1S14PHR Datasheet HTML 20Page - STMicroelectronics ST1S14PHR Datasheet HTML 21Page - STMicroelectronics ST1S14PHR Datasheet HTML 22Page - STMicroelectronics ST1S14PHR Datasheet HTML 23Page - STMicroelectronics ST1S14PHR Datasheet HTML 24Page - STMicroelectronics ST1S14PHR Datasheet HTML 25Page - STMicroelectronics ST1S14PHR Datasheet HTML 26Page - STMicroelectronics ST1S14PHR Datasheet HTML 27Page - STMicroelectronics ST1S14PHR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
Application information
ST1S14
24/46
DocID17977 Rev 2
A list of some tantalum capacitor manufacturers is provided in Table 9.
7.1.3
Inductor
The inductor value is very important as it fixes the ripple current flowing through the output
capacitor. The ripple current is usually fixed at 20 - 40 % of Iomax, which is 0.6 - 1.2 A with
IOmax = 3 A. The approximate inductor value is obtained using the following formula:
Equation 22
where TON is the ON time of the internal switch, given by D · T. For example, with
VOUT = 3.3 V, VIN = 24 V, and ΔIO = 0.8 A, the inductor value is about 4.7 µH. The peak
current through the inductor is given by:
Equation 23
and it can be observed that if the inductor value decreases, the peak current (which must be
lower than the current limit of the device) increases. So, when the peak current is fixed, a
higher inductor value allows a higher value for the output current. In Table 10, some inductor
manufacturers are listed.
7.2
Layout considerations
The layout of switching DC-DC converters is very important to minimize noise and
interference. Power-generating portions of the layout are the main cause of noise and so
Table 9. Output capacitor selection
Manufacturer
Series
Rated voltage (V)
Cap value (µF)(1)
1. see Section 6: Closing the loop for the selection of the output capacitor
ESR (m
Ω)(1)
Nippon Chemicon
KZE
6.3 to 50
Sanyo POSCAP(2)
2. POSCAP capacitors have some characteristics which are very similar to tantalum.
TAE
4 to 16
THB/C/E
4 to 16
AVX
TPS
4 to 35
f
Z
1
2
π ESR COUT
⋅⋅
⋅
----------------------------------------------------------
BW
<
=
Table 10. Inductor selection
Manufacturer
Series
Inductor value (µH)
Saturation current (A)
Wurth Elektronik
WE-HCI 7040
1 to 4.7
20 to 7
WE-HCI 7050
4.9 to 10
20 to 4.0
Coilcraft
XPL 7030
2.2 to 10
29 to 7.2
L
V
IN
V
OUT
–
()
ΔI
----------------------------------
T
ON
⋅
=
I
PK
I
O
ΔI
2
-----
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com