Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S14PHR Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST1S14PHR
Description  Up to 3 A step-down switching regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14PHR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST1S14PHR Datasheet HTML 24Page - STMicroelectronics ST1S14PHR Datasheet HTML 25Page - STMicroelectronics ST1S14PHR Datasheet HTML 26Page - STMicroelectronics ST1S14PHR Datasheet HTML 27Page - STMicroelectronics ST1S14PHR Datasheet HTML 28Page - STMicroelectronics ST1S14PHR Datasheet HTML 29Page - STMicroelectronics ST1S14PHR Datasheet HTML 30Page - STMicroelectronics ST1S14PHR Datasheet HTML 31Page - STMicroelectronics ST1S14PHR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Application information
ST1S14
28/46
DocID17977 Rev 2
reduced and, in most applications, this is enough to limit the switch current to the
active current threshold, nominal or foldback depending on the FB voltage.
The inductor current ripple during ON and OFF phases can be written as:
•
ON phase
Equation 29
•
OFF phase
Equation 30
where VD is the voltage drop across the diode, DCRL is the series resistance of the inductor.
The pulse-by-pulse current limitation is effective in implementing constant current protection
when:
Equation 31
The overcurrent protection is operating over the entire output voltage, which goes from the
regulated output voltage (VO_SET) down to GND during heavy short circuit applied at the
output.
From Equation 29 and Equation 30 we can gather that the implementation of the constant
current protection becomes more critical the lower is the VOUT and the higher is VIN.
In fact, the voltage applied to the inductor during the OFF time becomes equal to the voltage
drop across parasitic components (typically the DCR of the inductor and the VFW of the free
wheeling diode) when VOUT is negligible, while during TON the voltage applied the inductor
is maximized and it is approximately equal to VIN. In general the worst case scenario is
heavy short-circuit at the output with maximum input voltage.
7.4.1
300 mV < VFB < 1.22 V
The nominal output voltage can be written as:
Equation 32
From Equation 32 the voltage can be expressed as:
Equation 33
I
L TON
Δ
V
IN
V
OUT
–
DCR
L
R
DSON
+
() I
⋅
–
L
------------------------------------------------------------------------------------------ T
ON
()
=
I
L TON
Δ
V
D
V
OUT
DCR
L
I
⋅
++
()
–
L
-------------------------------------------------------------------- T
OFF
()
=
I
L TON
Δ
I
L TOFF
Δ
=
V
O_SET
V
FB
1
R
1
R
2
-------
+
⎝⎠
⎛⎞
⋅
1.22
1
R
1
R
2
-------
+
⎝⎠
⎛⎞
⋅
==
1
R
1
R
2
-------
+
⎝⎠
⎛⎞
V
O_SET
1.22
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com