Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S14PHR Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST1S14PHR
Description  Up to 3 A step-down switching regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14PHR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST1S14PHR Datasheet HTML 22Page - STMicroelectronics ST1S14PHR Datasheet HTML 23Page - STMicroelectronics ST1S14PHR Datasheet HTML 24Page - STMicroelectronics ST1S14PHR Datasheet HTML 25Page - STMicroelectronics ST1S14PHR Datasheet HTML 26Page - STMicroelectronics ST1S14PHR Datasheet HTML 27Page - STMicroelectronics ST1S14PHR Datasheet HTML 28Page - STMicroelectronics ST1S14PHR Datasheet HTML 29Page - STMicroelectronics ST1S14PHR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Application information
ST1S14
26/46
DocID17977 Rev 2
7.3
Thermal considerations
The dissipated power of the device is tied to three different sources:
•
Conduction losses due to the not insignificant RDSON, which are equal to:
Equation 24
where D is the duty cycle of the application. Note that the duty cycle is theoretically given by
the ratio between VOUT and VIN, but in practice it is substantially higher than this value to
compensate for the losses in the overall application. For this reason, the conduction losses
related to the RDSON increase compared to an ideal case.
•
Switching losses due to turning on and off. These are derived using the following
equation:
Equation 25
where TRISE and TFALL represent the switching times of the power element that cause the
switching losses when driving an inductive load (see Figure 15). TSW is the equivalent
switching time.
Figure 15. Switching losses
•
Quiescent current losses.
Equation 26
P
ON
R
DSON
I
OUT
()
⋅
2
D
⋅
=
P
SW
V
IN
I
OUT
T
RISE
T
FALL
+
()
2
-----------------------------------------
F
SW
V
IN
=
I
OUT
T
SW_EQ
F
SW
⋅⋅
⋅
⋅
⋅
⋅
=
P
Q
V
IN
I
Q
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com