| Electronic Components Datasheet Search |
|
ST62P25LB3 Datasheet(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LB3 Datasheet(HTML) 83 Page - STMicroelectronics |
|
83 / 105 page ![]() ST6215C ST6225C 83/105 I/O PORT PIN CHARACTERISTICS (Cont’d) 11.8.2 Output Driving Current Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified. Notes: 1. The IIO current sunk must always respect the absolute maximum rating specified in Section 11.2.2 and the sum of IIO (I/O ports and control pins) must not exceed IVSS. 2. The IIO current source must always respect the absolute maximum rating specified in Section 11.2.2 and the sum of IIO (I/O ports and control pins) must not exceed IVDD. True open drain I/O pins does not have VOH. Figure 63. Typical VOL at VDD = 5V (standard) Figure 64. Typical VOL at VDD = 5V (high-sink) Symbol Parameter Conditions Min Max Unit VOL 1) Output low level voltage for a standard I/O pin (see Figure 63 and Figure 66) IIO=+10µA, TA≤125°C 0.1 V IIO=+3mA, TA≤125°C 0.8 IIO=+5mA, TA≤85°C 0.8 IIO=+10mA, TA≤85°C 1.2 Output low level voltage for a high sink I/O pin (see Figure 64 and Figure 67) IIO=+10µA, TA≤125°C 0.1 IIO=+7mA, TA≤125°C 0.8 IIO=+10mA, TA≤85°C 0.8 IIO=+15mA, TA≤125°C 1.3 IIO=+20mA, TA≤85°C 1.3 IIO=+30mA, TA≤85°C 2 VOH 2) Output high level voltage for an I/O pin (see Figure 65 and Figure 68) IIO=-10μA, TA≤125°C VDD-0.1 IIO=-3mA, TA≤125°C VDD-1.5 IIO=-5mA, TA≤85°C VDD-1.5 02 4 6 8 10 Iio [mA] 0 200 400 600 800 1000 Vol [mV] at Vdd=5V Ta=-40°C Ta=25°C Ta=95°C Ta=125°C 04 8 12 16 20 Iio [mA] 0 0.2 0.4 0.6 0.8 1 Vol [V] at Vdd=5V Ta=-40°C Ta=25°C Ta=95°C Ta=125°C 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |