| Electronic Components Datasheet Search |
|
ST62P25LB3 Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LB3 Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 105 page ![]() ST6215C ST6225C 30/105 6.5 EXTERNAL INTERRUPTS (I/O Ports) External interrupt vectors can be loaded into the PC register if the corresponding external interrupt occurred and if the GEN bit is set. These interrupts allow the processor to exit from STOP mode. The external interrupt polarity is selected through the IOR register. External interrupts are linked to vectors #1 and # 2. Interrupt requests on vector #1 can be configured either as edge or level-sensitive using the LES bit in the IOR Register. Interrupt requests from vector #2 are always edge sensitive. The edge polarity can be configured us- ing the ESB bit in the IOR Register. In edge-sensitive mode, a latch is set when a edge occurs on the interrupt source line and is cleared when the associated interrupt routine is started. So, an interrupt request can be stored until com- pletion of the currently executing interrupt routine, before being processed. If several interrupt re- quests occurs before completion of the current in- terrupt routine, only the first request is stored. Storing of interrupt requests is not possible in level sensitive mode. To be taken into account, the low level must be present on the interrupt pin when the MCU samples the line after instruction execution. 6.5.1 Notes on using External Interrupts ESB bit Spurious Interrupt on Vector #2 If a pin associated with interrupt vector #2 is con- figured as interrupt with pull-up, whenever vector #2 is configured to be rising edge sensitive (by set- ting the ESB bit in the IOR register), an interrupt is latched although a rising edge may not have oc- cured on the associated pin. This is due to the vector #2 circuitry.The worka- round is to discard this first interrupt request in the routine (using a flag for example). Masking of One Interrupt by Another on Vector #2. When two or more port pins (associated with inter- rupt vector #2) are configured together as input with interrupt (falling edge sensitive), as long as one pin is stuck at '0', the other pin can never gen- erate an interrupt even if an active edge occurs at this pin. The same thing occurs when one pin is stuck at '1' and interrupt vector #2 is configured as rising edge sensitive. To avoid this the first pin must input a signal that goes back up to '1' right after the falling edge. Oth- erwise, in the interrupt routine for the first pin, de- activate the “input with interrupt” mode using the port control registers (DDR, OR, DR). An active edge on another pin can then be latched. I/O port Configuration Spurious Interrupt on Vector #2 If a pin associated with interrupt vector #2 is in ‘in- put with pull-up’ state, a ‘0’ level is present on the pin and the ESB bit = 0, when the I/O pin is config- ured as interrupt with pull-up by writing to the DDRx, ORx and DRx register bits, an interrupt is latched although a falling edge may not have oc- curred on the associated pin. In the opposite case, if the pin is in interrupt with pull-up state , a 0 level is present on the pin and the ESB bit =1, when the I/O port is configured as input with pull-up by writing to the DDRx, ORx and DRx bits, an interrupt is latched although a rising edge may not have occurred on the associated pin. 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |