| Electronic Components Datasheet Search |
|
ST62P25LB3 Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LB3 Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 105 page ![]() ST6215C ST6225C 31/105 6.6 INTERRUPT HANDLING PROCEDURE The interrupt procedure is very similar to a call pro- cedure, in fact the user can consider the interrupt as an asynchronous call procedure. As this is an asynchronous event, the user cannot know the context and the time at which it occurred. As a re- sult, the user should save all Data space registers which may be used within the interrupt routines. The following list summarizes the interrupt proce- dure: When an interrupt request occurs, the following actions are performed by the MCU automatically: – The core switches from the normal flags to the interrupt flags (or the NMI flags). – The PC contents are stored in the top level of the stack. – The normal interrupt lines are inhibited (NMI still active). – The internal latch (if any) is cleared. – The associated interrupt vector is loaded in the PC. When an interrupt request occurs, the following actions must be performed by the user software: – User selected registers have to be saved within the interrupt service routine (normally on a soft- ware stack). – The source of the interrupt must be determined by polling the interrupt flags (if more than one source is associated with the same vector). – The RETI (RETurn from Interrupt) instruction must end the interrupt service routine. After the RETI instruction is executed, the MCU re- turns to the main routine. Caution: When a maskable interrupt occurs while the ST6 core is in NORMAL mode and during the execution of an “ldi IOR, 00h” instruction (disabling all maskable interrupts): if the interrupt request oc- curs during the first 3 cycles of the “ldi” instruction (which is a 4-cycle instruction) the core will switch to interrupt mode BUT the flags CN and ZN will NOT switch to the interrupt pair CI and ZI. 6.6.1 Interrupt Response Time This is defined as the time between the moment when the Program Counter is loaded with the in- terrupt vector and when the program has jump to the interrupt subroutine and is ready to execute the code. It depends on when the interrupt occurs while the core is processing an instruction. Figure 18. Interrupt Processing Flow Chart Table 6. Interrupt Response Time One CPU cycle is 13 external clock cycles thus 11 CPU cycles = 11 x (13 /8M) = 17.875 µs with an 8 MHz external quartz. Minimum 6 CPU cycles Maximum 11 CPU cycles INSTRUCTION FETCH INSTRUCTION EXECUTE INSTRUCTION WAS THE INSTRUCTION A RETI? ENABLE MASKABLE INTERRUPTS SELECT NORMAL FLAGS “POP” THE STACKED PC IS THERE AN AN INTERRUPT REQUEST AND INTERRUPT MASK? SELECT INTERRUPT FLAGS PUSH THE PC INTO THE STACK LOAD PC FROM INTERRUPT VECTOR DISABLE MASKABLE INTERRUPT NO NO YES IS THE CORE ALREADY IN NORMAL MODE? YES NO YES CLEAR INTERNAL LATCH *) *) If a latch is present on the interrupt source line 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |