Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L152M8T6 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM8L152M8T6
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152M8T6 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM8L152M8T6 Datasheet HTML 51Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 52Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 53Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 54Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 55Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 56Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 57Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 58Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 134 page
background image
DocID17943 Rev 6
55/134
STM8L15xx8, STM8L15xR6
Memory and register map
61
0x00 53C8 to
0x00 53DF
Reserved area
0x00 53E0
USART2
USART2_SR
USART2 status register
0xC0
0x00 53E1
USART2_DR
USART2 data register
0xXX
0x00 53E2
USART2_BRR1
USART2 baud rate register 1
0x00
0x00 53E3
USART2_BRR2
USART2 baud rate register 2
0x00
0x00 53E4
USART2_CR1
USART2 control register 1
0x00
0x00 53E5
USART2_CR2
USART2 control register 2
0x00
0x00 53E6
USART2_CR3
USART2 control register 3
0x00
0x00 53E7
USART2_CR4
USART2 control register 4
0x00
0x00 53E8
USART2_CR5
USART2 control register 5
0x00
0x00 53E9
USART2_GTR
USART2 guard time register
0x00
0x00 53EA
USART2_PSCR
USART2 prescaler register
0x00
0x00 53EB to
0x00 53EF
Reserved area
0x00 53F0
USART3
USART3_SR
USART3 status register
0xC0
0x00 53F1
USART3_DR
USART3 data register
0xXX
0x00 53F2
USART3_BRR1
USART3 baud rate register 1
0x00
0x00 53F3
USART3_BRR2
USART3 baud rate register 2
0x00
0x00 53F4
USART3_CR1
USART3 control register 1
0x00
0x00 53F5
USART3_CR2
USART3 control register 2
0x00
0x00 53F6
USART3_CR3
USART3 control register 3
0x00
0x00 53F7
USART3_CR4
USART3 control register 4
0x00
0x00 53F8
USART3_CR5
USART3 control register 5
0x00
0x00 53F9
USART3_GTR
USART3 guard time register
0x00
0x00 53FA
USART3_PSCR
USART3 prescaler register
0x00
0x00 53FB to
0x00 53FF
Reserved area
Table 9. General hardware register map (continued)
Address
Block
Register label
Register name
Reset status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com