Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L152M8T6 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM8L152M8T6
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152M8T6 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM8L152M8T6 Datasheet HTML 75Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 76Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 77Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 78Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 79Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 80Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 81Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 82Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 134 page
background image
DocID17943 Rev 6
79/134
STM8L15xx8, STM8L15xR6
Electrical parameters
121
In the following table, data are based on characterization results, unless otherwise
specified.
Table 22. Total current consumption and timing in Low power run mode at VDD = 1.65 V to 3.6 V
Symbol
Parameter
Conditions(1)
Typ.
Max.
Unit
IDD(LPR)
Supply current in Low
power run mode
LSI RC osc.
(at 38 kHz)
all peripherals OFF
TA = -40 °C
to 25 °C
5.86
6.38
μA
TA = 55 °C
6.52
7.06
TA = 85 °C
7.68
8.7
TA = 105 °C 10.14
11.77
TA = 125 °C
14.4
18.27
with TIM2 active(2)
TA = -40 °C
to 25 °C
6.2
6.73
TA = 55 °C
6.86
7.41
TA = 85 °C
9.71
10.81
TA = 105 °C 13.17
15.39
TA = 125 °C 16.72
21.1
LSE (3) external
clock
(32.768 kHz)
all peripherals OFF
TA = -40 °C
to 25 °C
5.42
5.94
TA = 55 °C
5.9
6.52
TA = 85 °C
6.14
6.8
TA = 105 °C
7.46
8.2
TA = 125 °C 10.25
12.81
with TIM2 active (2)
TA = -40 °C
to 25 °C
5.87
6.48
TA = 55 °C
6.44
6.95
TA = 85 °C
6.7
7.65
TA = 105 °C
8.01
9.15
TA = 125 °C 10.62
16.09
1. No floating I/Os
2. Timer 2 clock enabled and counter running
3. Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the LSE consumption
(IDD LSE) must be added. Refer to Table 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com