Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L152M8T6 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM8L152M8T6
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152M8T6 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM8L152M8T6 Datasheet HTML 69Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 70Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 71Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 72Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 73Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 74Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 75Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 76Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 134 page
background image
DocID17943 Rev 6
73/134
STM8L15xx8, STM8L15xR6
Electrical parameters
121
9.3.3
Supply current characteristics
Total current consumption
The MCU is placed under the following conditions:
•
All I/O pins in input mode with a static value at VDD or VSS (no load)
•
All peripherals are disabled except if explicitly mentioned.
In the following table, data are based on characterization results, unless otherwise
specified.
Subject to general operating conditions for VDD and TA.
Table 20. Total current consumption in Run mode
Symbol
Para
meter
Conditions(1)
Typ.
Max.
Unit
55°C
85 °C
(2)
105 °C
(3)
125 °C
(4)
IDD(RUN)
Supply
current
in run
mode
(5)
All
peripherals
OFF,
code
executed
from RAM,
VDD from
1.65 V to
3.6 V
HSI RC osc.
(16 MHz)(6)
fCPU = 125 kHz 0.22 0.28
0.39
0.47
0.51
mA
fCPU = 1 MHz
0.32
0.38
0.49
0.57
0.61
fCPU = 4 MHz
0.59
0.65
0.76
0.84
0.88
fCPU = 8 MHz
0.93
0.99
1.1
1.18
1.22
fCPU = 16 MHz 1.62
1.68
1.79(7)
1.87(7)
1.91(7)
HSE
external
clock
(fCPU=fHSE)
(8)
fCPU = 125 kHz 0.21 0.25
0.35
0.44
0.49
fCPU = 1 MHz
0.3
0.34
0.44
0.53
0.58
fCPU = 4 MHz
0.57
0.61
0.71
0.8
0.85
fCPU = 8 MHz
0.95
0.99
1.09
1.18
1.23
fCPU = 16 MHz 1.73
1.77
1.87(7)
1.96(7)
2.01(7)
LSI RC osc.
(typ. 38 kHz)
fCPU = fLSI
0.029 0.035
0.039
0.044
0.055
LSE external
clock
(32.768 kHz)
fCPU = fLSE
0.028 0.034
0.038
0.042
0.054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com