Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJ22FP201 Datasheet(PDF) 49 Page - Bourns Electronic Solutions

Part # RJ22FP201
Description  3006 - Trimpot짰 Trimming Potentiometer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ22FP201 Datasheet(HTML) 49 Page - Bourns Electronic Solutions

Back Button RJ22FP201 Datasheet HTML 45Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 46Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 47Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 48Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 49Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 50Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 51Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 52Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 53Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
Specifications are subject to change without notice.
53
3352 - 3/8” Round Trimming Potentiometer
Features
s
Single-Turn / Cermet / Industrial / Open
Frame
s
Stable cermet element offers infinite
resolution
s
Very low profile
s
Seven standard pin styles
s
Thumb and screwdriver adjustment
Electrical Characteristics
Standard Resistance Range
..................................10 to 2 megohms
(see standard resistance table)
Resistance Tolerance .............±20% std.
(tighter tolerance available)
Absolute Minimum Resistance
.........................................2 ohms max.
Contact Resistance Variation
.............................1.0% or 1 ohm max.
(whichever is greater)
Adjustability
Voltage .....................................±0.05%
Resistance ...............................±0.25%
Resolution.....................................Infinite
Dielectric Strength
Sea Level .................................500 vac
80,000 Feet ..............................350 vac
Adjustment Angle ...................205° nom.
Environmental Characteristics
Power Rating (250 volts max.)
85°C.......................................0.50 watt
125°C..........................................0 watt
Temperature Range
...................................-55°C to +125°C
Temperature Coefficient
±100ppm/ºC ............................2K & up
±150ppm/ºC..........................Below 2K
Humidity........MIL-STD-202 Method 103
96 hours
(2%
∆TR, 10 Megohms IR)
Vibration............30G (2%
∆TR; 2% ∆VR)
Shock..............100G (2%
∆TR; 2% ∆VR)
Load Life
...............1,000 hours 0.5 watt @ 85°C
(3%
∆TR)
Rotational Life ........................200 cycles
(10%
∆TR)
Physical Characteristics
Mechanical Angle ...................250° nom.
Torque .............................3.0 oz-in. max.
Stop Strength .....................8 oz -in. min.
Terminals ........................Solderable pins
Weight ........................................0.01 oz.
Marking ...........................Manufacturer’s
trademark, resistance value
and model number.
Date code on packaging.
Wiper ..............................Set at CW end
Standard Packaging
..................................100 pcs. per bag
Adjustment Tool ..............................H-90
1
3 CW
CLOCKWISE
CCW
2 WIPER
3.81
± .51
(.150
± 020)
.64
(.025)
1.27
(.050)
8.89
(.350)
5.08
(.200)
X .86
(.034)
X .84
(.033)
9.53
± .38
(.375
± .015)
.51
± .05
(.020
± .002)
7.62
(.300)
1
2
3
3352
3352E
Top Adjust
10.16
(.400)
2.54
(.100)
5.33
(.210)
3352P
3352T
2.21
± .38
(.087
± .015)
3352H
Side Adjust
7.62
(.300)
4.75
(.187)
3352K
3352V
9.14
(.360)
4.37
(.172)
5.08
(.200)
3352W
3.96
(.156)
WIDE
DEEP TYP.
TYP.
TYP.
TYP.
TYP.
4.75
(.187)
TYP.
TYP.
TYP.
DIA. PINS TYP.
MAX.
2.54
(.100)
TYP.
2.54
(.100)
TYP.
2.54
(.100)
4.06
(.160)
5.33
(.210)
MAX.
2.54
(.100)
TYP.
2.54
(.100)
TYP.
2.54
(.100)
TYP.
2.54
(.100)
TYP.
2.54
(.100)
TYP.
MIN. TYP.
MAX.
7.62
(.300)
MAX.
MAX.
MAX.
TYP.
ADJUSTMENT SLOT
LONG
How To Order
3352 W - 1 - 103
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Consult factory for other available options.
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
Standard Resistance Table
Popular values listed in boldface. Special
resistances available.
DIMENSIONS ARE:
METRIC
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
SHADED AREAS TYPICALLY NOT STOCKED BY
DISTRIBUTORS AND NOT RECOMMENDED FOR NEW
DESIGNS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com