Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJ22FP201 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # RJ22FP201
Description  3006 - Trimpot짰 Trimming Potentiometer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ22FP201 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  RJ22FP201 Datasheet HTML 1Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 2Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 3Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 4Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 5Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 6Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 7Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 8Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
Specifications are subject to change without notice.
8
Element
Number
Packaging
Model
Technology
of Turns
Options
Number
Cermet
Carbon
Single
Multi
SMT
Leaded
2mm
3mm
4mm
6mm
9mm
3/8"
See Note 1
3302
•
•
•
•
E
T
32
3303
•
•
•
•
E
T,B
34
3306
•
•
•
•
B
T,S
36
3309
•
•
•
•
B
T,S,B
37
3318
•
•
•
•
B
T,S
44
3319
•
•
•
•
B
T,S,B
45
3328
•
•
•
•
B
T,S,B
49
3352
•
•
•
•
B
T,S
53
3364
•
•
•
•
E
T
56
TC76
•
•
•
•
B, T&R, A
T,S,B
65
Size
Adjust
See
Note 2
Element
Number
Mounting
Packaging
Model
Technology
of Turns
Type
Options
Number
Page
No.
NOTE 1:
Standard packaging; some options may require alternate packaging. Consult factory.
NOTE 2: T = Top Adjustment, S = Side Adjustment,
T = Tube, B = Bulk, E = Embossed Tape - 7" Reel, G = Embossed Tape - 13" Reel
B = Bottom Adjustment
T&R = Tape & Reel, A = Ammo Pak
* Indicates patented models.
Size
Adjust
Cermet
WW
Single Multi
1/4"
5/16"
3/8"
1/2"
3/4"
1-1/4"
See Note 1
3266-LTC
•
•
•
T
T,S
21
3296-LTC
•
•
•
T
T,S
27
3296-LC2*
•
•
•
T
T,S
29
3296-OT1*
•
•
•
T
T,S
30
3386-HV2
•
•
•
T
T,S
61
3386-HV3
•
•
•
T
T,S
61
3386-OT1*
•
•
•
T,B
T
62
Element
Technology
Turns
Size
Model
Number
See
Note 1
See
Note 2
Page
No.
Adjust
Packaging
Options
Cermet
W/W
Single
Multi
1/4"
3/8"
1/2"
1-1/4"
RJ 22
•
•
•
T,B
T,S
17
RJ/RJR 24*
•
•
•
T,B
T,S
28
RJ/RJR 26
•
•
•
T
T,S
19
RT/RTR 22
•
•
•
T,B
T,S
16
RT/RTR 24
•
•
•
T
T,S
24
RT 26
•
•
•
T
T,S
18
Page
No.
See
Note 2
Military Products
Application Specific Products
Open Frame Trimmers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com