Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJ22FP201 Datasheet(PDF) 52 Page - Bourns Electronic Solutions

Part # RJ22FP201
Description  3006 - Trimpot짰 Trimming Potentiometer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ22FP201 Datasheet(HTML) 52 Page - Bourns Electronic Solutions

Back Button RJ22FP201 Datasheet HTML 48Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 49Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 50Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 51Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 52Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 53Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 54Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 55Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 56Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
Specifications are subject to change without notice.
56
3364 - 4mm Square Trimming Potentiometer
Electrical Characteristics
Standard Resistance Range
.......................100 ohms to 1 megohm
(see standard resistance table)
Resistance Tolerance .............±25% std.
End Resistance
<1K ................................20 ohms max.
>1K..................................................2%
Contact Resistance Variation
(Voltage Divider) .....................5% max.
Resolution.....................................Infinite
Adjustment Angle.....................260°±20°
Environmental Characteristics
Power Rating (50 volts max.)
70°C.........................................0.2 watt
Temperature Range
...................................-40°C to +125°C
Temperature Coefficient
.........................................±250ppm/°C
Humidity..................500 hours (5%
∆TR)
Load Life .................................500 hours
0.2 watt @ 70°C (5%
∆TR)
Rotational Life .......20 cycles (15%
∆TR)
Physical Characteristics
Torque..............................20 to 200g-cm
Mechanical Angle .................Continuous
Marking ........................Resistance code,
manufacturer's full part number
and date code on packaging
Terminals...........................Solder coated
Standard Packaging
..................................1000 pcs./7" reel
Adjustment Tool ..............................H-90
Reflow solder processing recommended
1
3 CW
CLOCKWISE
CCW
2 WIPER
Common Dimensions
3364W, X
3-Terminal
2
1
3
1.00
(.039)
3
1
2
SUGGESTED PWB LAYOUT
2.30
(.091)
2.40
(.094)
5.10
(.201)
3.80
(.150)
2.50
± 0.15
(.098
± .006)
2.00
(.079)
4.50
(.177)
2.20
(.087)
.12
(.047)
0.80
(.031)
1.40
(.055)
1.10
(.043)
0.55
± 0.15
(.022
± .006)
MAX.
ADJ.
CROSS SLOT
0.55
± .15
(.022
± .006)
0.35
(.014)
2.50
(.098)
WIDE X
X
X
DEEP X
LONG
1.50
(.059)
1.50
(.059)
1.60
(.063)
0.95
(.037)
0.95
(.037)
1.60
(.063)
1.30
(.051)
1.50
(.059)
1.30
(.051)
3364A, B
3-Terminal
1.50
(.059)
2.40
(.094)
0.80
(.031)
5.08
(.200)
1.10
(.043)
SUGGESTED PWB LAYOUT
3.80
(.150)
2.50
± 0.15
(.098
± .006)
0.55
± 0.15
(.022
± .006)
2.00
(.079)
4.20
(.165)
2.20
(.087)
1
3
2
0.99
(.039)
0.80
(.031)
2.00
(.079)
1.20
(.047)
1.35
(.053)
0.50
(.020)
2
0.80
(.031)
0.80
(.031)
1.90
(.075)
1.40
(.055)
3
1
0.60
(.024)
1.20
(.047)
1.20
(.047)
1.20
(.047)
0.60
(.024)
MAX.
1.50
(.059)
Features
s
SMD Single-Turn / Cermet / Industrial
Open Frame
s
Cross slot rotor designs suitable
for automatic adjustment equipment
s
Supplied in 12mm embossed tape,
compatible with automatic pick-and-place
assembly equipment
s
Recommended for reflow solder
processing only
DIMENSIONS ARE:
METRIC
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
How To Order
3364 X - 1 - 103 E
Model
Style
Orientation of parts in tape:
Styles W,A
Terminals toward sprocket holes
Styles X,B
Terminals away from sprocket
holes
Standard Product
Resistance Code
Embossed Tape Designator
E =
1000 pcs./7" reel (-1 standard)
G =
5000 pcs./14.5" reel (-1 optional)
Consult factory for other available options.
SHADED AREAS TYPICALLY NOT STOCKED BY
DISTRIBUTORS AND NOT RECOMMENDED FOR NEW
DESIGNS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com