Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643AF0MVZ2 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # SPC5643AF0MVZ2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643AF0MVZ2 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button SPC5643AF0MVZ2 Datasheet HTML 42Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 43Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 44Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 45Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 46Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 47Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 48Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 49Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 138 page
background image
AN29
Single-ended Analog Input
P
—
—
I
VDDA
Analog
I / —
AN[29] / —
—
—
C11
AN30
Single-ended Analog Input
P
—
—
I
VDDA
Analog
I / —
AN[30] / —
155
D9
B11
AN31
Single-ended Analog Input
P
—
—
I
VDDA
Analog
I / —
AN[31] / —
154
D10
D12
AN32
Single-ended Analog Input
P
—
—
I
VDDA
Analog
I / —
AN[32] / —
153
C10
C12
AN33
Single-ended Analog Input
P
—
—
I
VDDA
Analog
I / —
AN[33] / —
152
C11
B12
AN34
Single-ended Analog Input
P
—
—
I
VDDA
Analog
I / —
AN[34] / —
151
C5
A12
AN35
Single-ended Analog Input
P
—
—
I
VDDA
Analog
I / —
AN[35] / —
150
D11
D13
AN36
Single-ended Analog Input
P
—
—
I
VDDA
Analog
I / —
AN[36] / —
174
F4
B5
AN37
Single-ended Analog Input
P
—
—
I
VDDA
Analog
I / —
AN[37] / —
175
E3
A5
AN38
Single-ended Analog Input
P
—
—
I
VDDA
Analog
I / —
AN[38] / —
—
—
D3
AN39
Single-ended Analog Input
P
—
—
I
VDDA
Analog
I / —
AN[39] / —
8
D2
D2
VRH
Voltage Reference High
P
—
—
I
VDDA
—
I / —
VRH
163
A8
A10
VRL
Voltage Reference Low
P
—
—
I
VDDA
—
I / —
VRL
162
A9
A11
REFBYBC
Reference Bypass Capacitor
Input
P
—
—
I
VDDA
Analog
I / —
REFBYPC
164
B7
B10
eTPU2
TCRCLKA
IRQ[7]
GPIO[113]
eTPU A TCR clock
External interrupt request
GPIO
P
A1
G
01
10
00
113
I
I
I/O
VDDEH4
Slow
— / Up
— / Up
—
L4
AB12
Table 3. MPC5644A signal properties (continued)
Name
Function1
P
A
G2
PCR
PA
Field3
PCR4
I/O
Type
Voltage5 /
Pad Type6
Status7
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com