Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643AF0MVZ2 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # SPC5643AF0MVZ2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643AF0MVZ2 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button SPC5643AF0MVZ2 Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
66
VDDA
SR
Analog supply voltage5
Reference to VSSA
–0.3
5.5
V
VDDE
SR
I/O supply voltage4,6
–0.3
3.6
V
VDDEH
SR
I/O supply voltage5
–0.3
5.5
V
VIN
SR
DC input voltage7
VDDEH powered I/O pads
–1.08
VDDEH
+ 0.3 V9
V
VDDE powered I/O pads
–1.010
VDDE +
0.3 V10
VDDA powered I/O pads
–1.0
5.5
VDDREG
SR
Voltage regulator supply
voltage
–0.3
5.5
V
VRH
SR
Analog reference high
voltage
Reference to VRL
–0.3
5.5
V
VSS – VSSA
SR
VSS differential voltage
–0.1
0.1
V
VRH – VRL
SR
VREF differential voltage
–0.3
5.5
V
VRL – VSSA
SR
VRL to VSSA differential
voltage
–0.3
0.3
V
VSSPLL – VSS
SR
VSSPLL to VSS differential
voltage
–0.1
0.1
V
IMAXD
SR
Maximum DC digital input
current11
Per pin, applies to all
digital pins
–3
3
mA
IMAXA
SR
Maximum DC analog input
current12
Per pin, applies to all
analog pins
—5
mA
TJ
SR
Maximum operating
temperature range - die
junction temperature
–40.0
150.0
oC
TSTG
SR
Storage temperature range
–55.0
150.0
oC
TSDR
SR
Maximum solder
temperature13
—260.0
oC
MSL
SR
Moisture sensitivity level14
—3
1 Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are
stress ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima
may affect device reliability or cause permanent damage to the device.
2 Allowed 2 V for 10 hours cumulative time, remaining time at 1.2 V +10%.
3 The VFLASH supply is connected to VRC33 in the package substrate. This specification applies to calibration
package devices only.
4 Allowed 5.3 V for 10 hours cumulative time, remaining time at 3.3 V +10%.
5 Allowed 5.9 V for 10 hours cumulative time, remaining time at 5 V +10%.
Table 8. Absolute maximum ratings1 (continued)
Symbol
Parameter
Conditions
Value
Unit
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com