Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643AF0MVZ2 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # SPC5643AF0MVZ2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643AF0MVZ2 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button SPC5643AF0MVZ2 Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 77Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 78Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 79Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 80Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 81Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
80
VOL_S
CC
P
Slow/medium pad I/O
output low voltage9
——
0.2*VDDEH
V
VOL_F
CC
P
Fast I/O output low
voltage9
—
—
0.2*VDDE
V
VOL_LS
CC
P
Multi-voltage pad I/O
output low voltage in
low-swing
mode5,6,7,8,9
——
0.6
V
VOL_HS
CC
P
Multi-voltage pad I/O
output low voltage in
high-swing mode9
——
0.2*VDDEH
V
VOH_S
CC
P
Slow/medium pad I/O
output high voltage9
0.8 VDDEH
——
V
VOH_F
CC
P
Fast pad I/O output
high voltage9
0.8 VDDE
——
V
VOH_LS
CC
P
Multi-voltage pad I/O
output high voltage in
low-swing mode5,6,7,8
IOH_LS =
0.5 mA
2.1
3.1
3.7
V
VOH_HS
CC
P
Multi-voltage pad I/O
output high voltage in
high-swing mode9
0.8 VDDEH
——
V
VHYS_S
CC
C
Slow/medium/multi-vo
ltage I/O input
hysteresis
—
0.1 * VDDEH
——
V
VHYS_F
CC
C
Fast I/O input
hysteresis
—
0.1 * VDDE
——
V
VHYS_LS
CC
C
Low-Swing-Mode
Multi-Voltage I/O Input
Hysteresis
hysteresis
enabled
0.25
—
—
v
IDD+IDDPLL
CC
P
Operating current
1.2 V supplies
VDD at
1.32 V at 80
MHz
—
380
mA
PVDD at
1.32V
at 120 MHz
—
400
mA
PVDD at
1.32V
at 150 MHz
—
400
mA
Table 21. DC electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com