Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643AF0MVZ2 Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # SPC5643AF0MVZ2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643AF0MVZ2 Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button SPC5643AF0MVZ2 Datasheet HTML 125Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 126Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 127Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 128Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 129Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 130Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 131Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 132Page - Freescale Semiconductor, Inc SPC5643AF0MVZ2 Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
129
Rev. 2
11/2009
Maximum device speed is 145 MHz (was 150 MHz)
16-entry Memory Protection Unit (MPU). Was incorrectly listed as 8-entry.
Feature details section added
Changes to signal summary table:
• Added ANY function to AN[10]
• Added ANW function to AN[8]
Changes to 208 ball BGA ballmap:
• A12 is AN12-SDS (was AN12)
• A15 is VRC33 (was VDD33)
• B12 is AN13-SDO (was AN13)
• C12 is AN14SDI (was AN14)
• C13 is AN15-FCK (was AN15)
• D1 is VRC33 (was VDD33)
• F13 is VDDEH6AB (was VDDEH6)
• H13 is GPIO99 (was PCSA3)
• J15 is GPIO98 (was PCSA2)
• K4 is now VDDEH1AB (was VDDEH1)
• N6 is now VRC33 (was VDD33)
• N9 is VDDEH4AB (was VDDEH4)
• N12 is now VRC33 (was VDD33)
• P6 is now NC
• T13 is VDDE5 (was NC)
Rev. 2
11/2009
(cont.)
Recommended operating characteristics for power transistor updated
Pad current specifications updated
LVDS pad specifications updated. SRC does not apply to common mode voltage.
Temperature sensor electrical characteristics added
eQADC electrical characteristics updated with VGA gain specs
Pad AC specifications updated
Definition for RDY signal added to signal details
VSTBY maximum is 5.5 V (was listed incorrectly as 6.0 V)
IMAXA maximum is 5 mA (was TBD)
Analog differential input functions added to AN0–AN7 in signal summary
Table 53. Revision history (continued)
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com