Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5644AF0MLU1 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MLU1
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MLU1 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MLU1 Datasheet HTML 49Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 50Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 51Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 52Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 53Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 54Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 55Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 56Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 138 page
background image
XTAL
Crystal oscillator output
P
01
—
O
VDDEH6
Analog
——
93
P16
V22
EXTAL
EXTCLK
Crystal oscillator input
External clock input
P
A
01
10
—
I
VDDEH6
Analog
——
92
N16
U22
CLKOUT
System clock output
P
01
229
O
VDDE5
Fast
—
CLKOUT
—
—
AB9
ENGCLK
Engineering clock output
P
01
214
O
VDDE5
Fast
—ENGCLK
—
T14
W10
Power / Ground
VDDREG
Voltage Regulator Supply
—
—
I
5 V
I / —
VDDREG
10
K16
F4
VRCCTL
Voltage Regulator Control
Output
—
—
O
—
O / —
VRCCTL
11
N14
F2
VRC3320
Internal regulator output
—
—
O
3.3 V
I/O / —
VRC33
13
A15, D1,
N6, N12
B1,
M19, P11
Input for external 3.3 V supply
—
—
3.3 V
VDDA
eQADC high reference voltage
—
—
I
5 V
I / —
VDDA
6
—
—
VSSA
eQADC ground/low reference
voltage
—
—
I
—
I / —
VSSA
7
—
—
VDDA021
eQADC high reference voltage
—
—
I
5 V
I / —
VDDA0
—
B11
E3
VSSA022
eQADC ground/low reference
voltage
—
—
I
—
I / —
VSSA0
—
A11
E2
VDDA121
eQADC high reference voltage
—
—
I
5 V
I / —
VDDA1
—
A4
A6
VSSA122
eQADC ground/low reference
voltage
—
—
I
—
I / —
VSSA1
—
A5
A7
VDDPLL
FMPLL Supply Voltage
—
—
I
1.2
I / —
VDDPLL
91
R16
W22
VSTBY
Power Supply for Standby RAM —
—
I
0.9 V - 6 V
I / —
VSTBY
12
C1
E4
VDD
Core supply for input or
decoupling
—
—
I
1.2 V
I / —
VDD
33,
45,
62,
103,
132,
149,
176
B1, B16,
C2, D3,
E4, N5,
P4, P13,
R3,R14,
T2, T15
A2, A20, A21,
B3, C4, C22,
D5, W20, Y4,
Y21, AA3,
AA22
Table 3. MPC5644A signal properties (continued)
Name
Function1
P
A
G2
PCR
PA
Field3
PCR4
I/O
Type
Voltage5 /
Pad Type6
Status7
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com