Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5644AF0MLU1 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MLU1
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MLU1 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MLU1 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 90Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 91Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
88
3.10
Oscillator and PLLMRFM electrical characteristics
11
Delay, Z to Normal
(High/Low)
TDZ
CC
D
—
500
ns
12
Diff Skew Itphla-tplhbI or
Itplhb-tphlaI
TSKEW
CC
D
—
0.5
ns
Termination
13
Trans. Line (differential Zo)
CC
D
—
95
100
105
14
Temperature
CC
D
–40
150
C
Table 26. PLLMRFM electrical specifications
(VDDPLL = 1.08 V to 3.6 V, VSS = VSSPLL = 0 V, TA = TL to TH)
Symbol
C
Parameter
Conditions
Value
Unit
min
max
fref_crystal
fref_ext
CC
D
PLL reference frequency range1
Crystal
reference
440
MHz
C
External
reference
480
fpll_in
CC
P
Phase detector input frequency range
(after pre-divider)
—4
16
MHz
fvco
CC
P
VCO frequency range
—
256
512
MHz
fsys
CC
C
On-chip PLL frequency2
—16
150
MHz
fsys
CC
T
System frequency in bypass mode2
Crystal
reference
440
MHz
P
External
reference
080
tCYC
CC
D
System clock period
—
—
1 / fsys
ns
fLORL
fLORH
CC
D
Loss of reference frequency window3
Lower limit
1.6
3.7
MHz
D
Upper limit
24
56
fSCM
CC
P
Self-clocked mode frequency 4,5
—
1.2
72.25
MHz
CJITTER
CC
T
CLKOUT
period
jitter6,7,8,9
Peak-to-peak (clock
edge to clock edge)
fSYS maximum
–5
5
% fCLKOUT
T
Long-term jitter
(avg. over 2 ms
interval)
–6
6
ns
tcst
CC
T
Crystal start-up time 10, 11
——
10
ms
Table 25. DSPI LVDS pad specification (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com