Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5644AF0MLU1 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MLU1
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MLU1 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MLU1 Datasheet HTML 79Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 80Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 81Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
83
CL
CC
D
Load capacitance
(fast I/O)18
DSC(PCR[8
:9]) = 0b00
—10
pF
D
DSC(PCR[8
:9]) = 0b01
—20
D
DSC(PCR[8
:9]) = 0b10
—30
D
DSC(PCR[8
:9]) = 0b11
—50
CIN
CC
D
Input capacitance
(digital pins)
——
7
pF
CIN_A
CC
D
Input capacitance
(analog pins)
——
10
pF
CIN_M
CC
D
Input capacitance
(digital and analog
pins19)
——
12
pF
RPUPD200K
SR
P
Weak Pull-Up/Down
Resistance20, 200 k
Option
—
130
—
280
k
RPUPD100K
SR
P
Weak Pull-Up/Down
Resistance20, 100 k
Option
—
65
—
140
k
RPUPD5K
SR
C
Weak Pull-Up/Down
Resistance20,
5k
 Option
5V±5%
supply
1.4
—
7.5
k
RPUPDMTCH
CC
C
Pull-up/Down
Resistance matching
ratios (100K/200K)
Pull-up and
pull-down
resistances
both
enabled and
settings are
equal.
–2.5
—
2.5
%
TA (TL to
TH)
SR
— Operating
temperature range -
ambient (packaged)
—
–40.0
125.0
C
—
SR
— Slew rate on power
supply pins
——
25
V/ms
1 These specifications apply when VRC33 is supplied externally, after disabling the internal regulator (VDDREG = 0).
2 ADC is functional with 4 V  VDDA  4.75 V but with derated accuracy. This means the ADC will continue to function
at full speed with no undesirable behavior, but the accuracy will be degraded.
3 The VDDF supply is connected to VDD in the package substrate. This specification applies to calibration package
devices only.
Table 21. DC electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com