Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5644AF0MLU1 Datasheet(PDF) 118 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MLU1
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MLU1 Datasheet(HTML) 118 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MLU1 Datasheet HTML 114Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 115Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 116Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 117Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 118Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 119Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 120Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 121Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 122Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
118
3.17.9
eQADC SSI timing
Figure 32. eQADC SSI timing
Table 49. eQADC SSI timing characteristics (pads at 3.3 V or at 5.0 V)1
1 SS timing specified at fSYS = 80 MHz, VDD = 1.14 V to 1.32 V, VDDEH = 4.5 V to 5.5 V, TA = TL to TH, and CL = 50 pF with
SRC = 0b00.
CLOAD = 25 pF on all outputs. Pad drive strength set to maximum.
#
Symbol
C
Rating
Min
Typ
Max
Unit
1fFCK
CC
D
FCK Frequency 2, 3
2 Maximum operating frequency is highly dependent on track delays, master pad delays, and slave pad delays.
3 FCK duty is not 50% when it is generated through the division of the system clock by an odd number.
1/17
1
2fSYS_CLK
1tFCK
CC
D
FCK Period (tFCK = 1/ fFCK)
2
17
tSYS_CLK
2tFCKHT CC
D
Clock (FCK) High Time
tSYS_CLK  6.5
9* tSYS_CLK  6.5
ns
3tFCKLT CC
D
Clock (FCK) Low Time
tSYS_CLK  6.5
8* tSYS_CLK  6.5
ns
4tSDS_LL CC
D
SDS Lead/Lag Time
-7.5
7.5
ns
5tSDO_LL CC
D
SDO Lead/Lag Time
-7.5
7.5
ns
6tDVFE CC
D
Data Valid from FCK Falling Edge
(tFCKLT+tSDO_LL)
1ns
7tEQ_SU CC
D
eQADC Data Setup Time (Inputs)
22
ns
8tEQ_HO CC
D
eQADC Data Hold Time (Inputs)
1
ns
1st (MSB)
2nd
25th
26th
1st (MSB)
2nd
25th
26th
8
7
5
6
5
4
4
3
1
3
2
1
2
FCK
SDS
SDO
External Device Data Sample at
SDI
eQADC Data Sample at
FCK Falling Edge
FCK Rising Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com